Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34L Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # S34L
Description  Surge Overload Rating to 80A Peak
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

S34L Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  S34L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. S34L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S320
S3
C J
RRM
V
STG
J
JL
@T =100
@T =25
0
RECTIFIER
5
10
0.05
0.1
.0
80A
plastic SMAF
@IF=3.0A
80
3.0
SL320
SL315
SL310
S38L
S36L
S34L
3
T
THRU
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance
(Note 2)
28.0
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
105
70
56
150
100
80
80
60
40
40
60
28
42
100
150
0.6
0.45
0.5
SURFACE MOUNT SCHOTTKY BARRIER
(Note1)
AMP
A
A
pF
Typical Thermal Resistance per leg
140
200
200
0.85
SMAF
Dimiensions in inches and (milimeters)
L
L
L
L
4
4
www.dyelec.com
@T =90
L
S35L
50
50
35
S345L
45
45
31


Similar Part No. - S34L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S34 MICROSEMI-S34 Datasheet
119Kb / 2P
   Silicon Power Rectifier
logo
Yangzhou yangjie electr...
S34 YANGJIE-S34 Datasheet
99Kb / 2P
   Schottky Rectifier
logo
RFE international
S34 RFE-S34 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
UMPCO, Inc.
S340 UMPCO-S340 Datasheet
133Kb / 1P
   CLAMP, LOOPCUSHIONED
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - S34L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
   Surge Overload Rating to 80A Peak
logo
Sangdest Microelectroni...
SS22A SMC-SS22A Datasheet
264Kb / 5P
   Surge Overload Rating to 50A Peak
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
   Surge Overload Rating to 30A Peak
MB05S SMC-MB05S Datasheet
164Kb / 4P
   Surge overload rating-30A peak
logo
Shenzhen Luguang Electr...
KBPC10W LUGUANG-KBPC10W Datasheet
143Kb / 2P
   Surge overload -240~500 Amperes peak
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
   Surge overload -240~500 amperes peak
logo
Pulse A Technitrol Comp...
H304 PULSE-H304 Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com