Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-22D01-F Datasheet(PDF) 6 Page - C&K Components

Part # PB-22D01-F
Description  Single Pole and Multi-Key Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PB-22D01-F Datasheet(HTML) 6 Page - C&K Components

  PB-22D01-F Datasheet HTML 1Page - C&K Components PB-22D01-F Datasheet HTML 2Page - C&K Components PB-22D01-F Datasheet HTML 3Page - C&K Components PB-22D01-F Datasheet HTML 4Page - C&K Components PB-22D01-F Datasheet HTML 5Page - C&K Components PB-22D01-F Datasheet HTML 6Page - C&K Components PB-22D01-F Datasheet HTML 7Page - C&K Components PB-22D01-F Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-132
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
36.8
1
2
0.4
0.2
10
18
4
4
4
4
4
4
4
4
4
4
1.3X0.7
ALL
1
6
0.7
10
8.5
6
2
0.2
2
1
1
2.5
5
R0.5
OVERALL TRAVEL
SCHEMATIC
PIERCING PLAN
4P - 2T
P DETAIL 2 : 1
P
18
8.5
5
10
6
24.8
4
1
4
0.7
10
0.4
6
1
2
4
4
ALL
1.3X0.7
R0.5
0.2
2.5
1
2
1
2
0.2
OVERALL TRAVEL
P
2P - 2T
P
P DETAIL 2 : 1
SCHEMATIC
PIERCING PLAN
PB-22G02-F DPDT NON-LOCK / MOMENTARY
Specifications
CONTACT RATING: 1A @ 25 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE:
350 ± 150 gf (3.43 ± 1.47N)
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
CASE: PC (UL 94HB)
SPRING: SUS
KNOB: POM
TERMINAL: Silver plated
PB Series
Single Pole and Multi-Key Pushbutton Switches
PB-42G02-F 4PDT NON-LOCK / MOMENTARY
Specifications
CONTACT RATING: 1A @ 25 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE:
400 ± 150 gf (3.92 ± 1.47N)
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
HOUSING: PC (UL 94HB)
SPRING: SUS
KNOB: POM
TERMINAL: Silver plated


Similar Part No. - PB-22D01-F

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PB-2211 SOBERTON-PB-2211 Datasheet
44Kb / 1P
   Non-Washable Type
More results

Similar Description - PB-22D01-F

ManufacturerPart #DatasheetDescription
logo
C&K Components
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
KS CK-COMPONENTS-KS Datasheet
153Kb / 3P
   Single Pole Key Switches
logo
ITT Industries
KS11R22CQD ITT-KS11R22CQD Datasheet
182Kb / 3P
   Single Pole Key Switches
logo
Cherry Semiconductor Co...
KFB2ANA1BBB CHERRY-KFB2ANA1BBB Datasheet
296Kb / 2P
   Sealed Pushbutton Single and Double Pole
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
ITT Industries
MDAG04 ITT-MDAG04 Datasheet
43Kb / 2P
   MD and MDP Key Switches
logo
Cherry Semiconductor Co...
E69-30A CHERRY-E69-30A Datasheet
206Kb / 3P
   PANEL MOUNT PUSHBUTTON - SINGLE POLE
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com