Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FZT604 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part No. FZT604
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FZT604 Datasheet(HTML) 2 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
SYMBOL MIN.
MAX. UNIT
CONDITIONS
Transition Frequency fT
150
MHz
IC=100mA,VCE=10V
f=20MHz
Input capacitance
Cibo
90 Typical
pF
VEB=500mV, f=1MHz
Output Capacitance
Cobo
15 Typical
pF
VCB=10V, f=1MHz
Switching Times
ton
0.5 Typical
pF
IC=500mA, VCE=10V
IB1 = IB2 = 0.5mA
toff
1.6 Typical
pF
* Measured under pulsed conditions. Pulse width = 300µs. Duty cycle 2%
Spice parameter data is available upon request for these devices.
FZT604
FZT605
FZT604
FZT605
3 - 203
3 - 204
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC -
Collector Current (Amps)
0
0.4
0.01
0.1
10
1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IC -
Collector Current (Amps)
0.6
0.01
10
0.1
1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC/IB=100
IC/IB=100
IC -
Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
0.5
1.0
1.5
2.0
2.5
VCE=5V
IC -
Collector Current (Amps)
0.6
1.0
1.4
1.8
0.01
0.1
110
VCE=5V
-55°C
+25°C
+100°C
0.4
0.8
1.2
1.6
2.2
0.2
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
0.4
-55°C
+25°C
+100°C
2.2
2.0
VBE(sat) v IC
VBE(on) v IC
+
FZT604 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1
0.1
10
100
1
0.01
1000
10
1s
DC
100ms
10ms
100µs
1ms
+
FZT605 Safe Operating Area
VCE - Collector Emitter Voltage (V)
1000
1
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
10


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn