Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FZT604 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FZT604
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FZT604 Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTORS
ISSUE 3 - OCTOBER 1995
FEATURES
* Guaranteed hFE Specified up to 2A
* Fast Switching
PARTMARKING DETAIL -
DEVICE TYPE IN FULL
COMPLEMENTARY TYPES - FZT604 - FZT704
FZT605 - FZT705
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT604
FZT605
UNIT
Collector-Base Voltage
VCBO
120
140
V
Collector-Emitter Voltage
VCEO
100
120
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
4A
Continuous Collector Current
IC
1.5
A
Power Dissipation
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. MAX. UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
FZT604
FZT605
V(BR)CBO 120
140
V
V
IC=100µA
IC=100µA
Collector-Emitter
Breakdown Voltage
FZT604
FZT605
V(BR)CEO 100
120
VIC=10mA*
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO 10
V
IE=100µA
Collector Cut-Off
Current
FZT604
ICBO
0.01
10
µ
A
µ
A
VCB=100V
VCB=100V,Tamb=100°C
FZT605
0.01
10
µ
A
µ
A
VCB=120V
VCB=120V,Tamb=100°C
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=8V
Collector-Emitter
Cut-Off Current
FZT604
ICES
10
µ
A
VCES=100V
FZT605
10
µ
A
VCES=120V
Collector-EmitterSaturation
Voltage
VCE(sat)
1.0,
1.5
V
V
IC=250mA, IB=0.25mA*
IC=1A, IB=1mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.8
V
IC=1A, IB=1mA*
Base-Emitter Turn-On Voltage
VBE(on)
1.7
V
IC=1A, VCE=5V*
Static Forward
Current Transfer Ratio
hFE
2K
5K
2K
0.5K
100K
IC=50mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
C
C
E
B
FZT604
FZT605
3 - 202


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn