Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL58781CRZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL58781CRZ-T13
Description  Laser Diode Driver with Serial Control and Write Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58781CRZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL58781CRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL58781CRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6909.3
December 3, 2015
Submit Document Feedback
PMAX DAC (10-bit) DC Specifications Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DNL-PMAX
Differential Non-Linearity
(Note 8)
-3.5
+3.5
LSB
INL-PMAX
Integral Non-Linearity
At 200h Resistive Load ~0V to ~3V
+40
LSB
ZS-PMAX
Zero-Scale Error
(Note 9)
-2
0
+2
LSB
VRSET
RSET Pin Voltage
1.03
1.06
1.11
V
NOTES:
8. Differential non-linearity (DNL) is the differential between the measured and ideal 1 LSB change of any two adjacent codes.
9. Zero-scale error (ZS) is the deviation from zero current output when the digital input code is zero.
IOUT1/2 Write Power DAC (10-bit) DC Specifications Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 14) TYP
MAX
(Note 14)
UNIT
DNL-W
Differential Non-Linearity
-1.7
+1.0
LSB
INL-W
Integral Non-Linearity
At 200h Resistive Load
~0V to ~3V
+21
LSB
FSOUT-W620 Write DAC Full-Scale Output
Current RSET = 620
WriteDAC = 0x3FF. Headroom
depends on IOUT.
Reg 1-21 = 8F
475
500
mA
FSOUT-H1.1
Write DAC Full-Scale Output
Current
WriteDAC = 0x3FF, Reg 1-21 = 8F
Fixed Headroom = 1.1V
700
773
875
mA
PSRR-FS
Power Supply Rejection -Full-Scale
Current
vs VSO (Note 10)
-30
dB
TC-FS-IOUT
Temperature Coefficient -Full-Scale
Current
(Note 11) 0°C to +85°C
-32
ppm/C
ZS-W
Zero-scale error
(Note 12)
-2
0
+2
LSB
ROUT-WDAC
Write DAC Output Series Resistance WriteDAC = PMAX = 0x3FF
PMAX bias overdriven (Note 13)
1.1
1.4
NOTES:
10. Full scale output current power supply sensitivity (SFS) is measured by varying the VSO from 4.5V to 5.5V DC and measuring
the effect of this signal on the full-scale output current.
11. Full scale output current temperature coefficient (TFS) is given by delta (full scale output current)/(T).
12. Zero-scale error (ZS) is the deviation from zero current output when the digital input code is zero.
13. PMAX bias overdriven via RSET.
14. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
ISL58781


Similar Part No. - ISL58781CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58781CRZ-T13 RENESAS-ISL58781CRZ-T13 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results

Similar Description - ISL58781CRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58792 INTERSIL-ISL58792 Datasheet
458Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com