Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL33354EIAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL33354EIAZ
Description  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354EIAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL33354EIAZ Datasheet HTML 1Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 2Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 3Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 4Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 5Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 6Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 7Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 8Page - Intersil Corporation ISL33354EIAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL33354E, ISL33357E
2
FN8775.1
October 21, 2016
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMPERATURE
RANGE (°C)
TAPE AND REEL
(UNITS)
PACKAGE
(RoHS COMPLIANT)
PKG. DWG. #
ISL33354EIAZ
33354 EIAZ
-40 to +85
-
28 Ld SSOP
M28.209
ISL33354EIAZ-T (Note 1)
33354 EIAZ
-40 to +85
1k
28 Ld SSOP
M28.209
ISL33357EIRZ
33357E IRZ
-40 to +85
-
40 Ld QFN
L40.6x6
ISL33357EIRZ-T (Note 1)
33357E IRZ
-40 to +85
1k
40 Ld QFN
L40.6x6
ISL33357EIRZ-T7A
(Note 1)
33357E IRZ
-40 to +85
250
40 Ld QFN
L40.6x6
NOTES:
1. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see product information page for ISL33354E, ISL33357E. For more information on MSL, see tech brief TB363.
TABLE 2. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
VCC
(V)
PKG
RS485 (bps)
DATA RATE
RS232 (bps)
DATA RATE
ISL33354E
5
28Ld SSOP
20M, 115k
650k
ISL33357E
5
40Ld QFN
20M, 115k
650k
ISL33334E
3.3
28Ld SSOP
20M, 115k
400k
ISL33337E
3.3
40Ld QFN
20M, 115k
400k
NOTE: For a full list of dual protocol transceivers, please visit our website.
Pin Configurations
ISL33354E
(28 LD SSOP)
TOP VIEW
ISL33357E
(40 LD QFN)
TOP VIEW
C1+
C1-
V+
R1IN
R2IN
T1OUT
T2OUT
*GND
*VCC
Y
Z
A
B
SLOW485
C2+
VCC
R2OUT
R1OUT
T2IN
SHDN
DE485
RO
V-
RE485
GND
C2-
T1IN
DI
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
* NOT A SUPPLY PIN, BUT MUST BE CONNECTED TO THE
NOTED SUPPLY.
D
R
D
D
R
R
PORT 1
PORT 2
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
R1IN
T1OUT
T2OUT
*GND
*VCC
Y
Z
A
R1OUT
T2IN
T1IN
*VCC
SHDN
DI
DE485
RO
D
R
D
D
R
R
PORT 2
PORT 1
V+
R2IN
R2OUT
DNC
EP


Similar Part No. - ISL33354EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33354EIAZ RENESAS-ISL33354EIAZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354EIAZ-T RENESAS-ISL33354EIAZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL33354EIAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com