Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL33337E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL33337E
Description  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33337E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL33337E Datasheet HTML 2Page - Intersil Corporation ISL33337E Datasheet HTML 3Page - Intersil Corporation ISL33337E Datasheet HTML 4Page - Intersil Corporation ISL33337E Datasheet HTML 5Page - Intersil Corporation ISL33337E Datasheet HTML 6Page - Intersil Corporation ISL33337E Datasheet HTML 7Page - Intersil Corporation ISL33337E Datasheet HTML 8Page - Intersil Corporation ISL33337E Datasheet HTML 9Page - Intersil Corporation ISL33337E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL33334E, ISL33337E
6
FN8776.1
October 21, 2016
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
All Except A,B, RxIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A, B, RxIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z, TxOUT (Note 5). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RO, RxOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC + 0.5V)
Output Short-circuit Duration
Y, Z, TxOUT, RxOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . See Specification Table on page 7
Latch-up (per JESD78D, Level 2, Class A) . . . . . . . . . . . . . . . . . . . . . +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
28 Ld SSOP Package (Notes 7, 9) . . . . . . . .
60
36
40 Ld QFN Package (Notes 6, 8) . . . . . . . . .
32
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .see TB493
Recommended Operating Conditions
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3V
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
RS-485 Tx Load . . . . . . . . . . . . . . . . . . . . . . One or two 120Ω Terminations
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. One output at a time, IOUT ≤100mA for ≤10 mins.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 3.15V to 3.45V, C1 - C4 = 0.1µF; unless otherwise specified. Typicals are at VCC = 3.3V,
TA = +25°C (Note 10). Boldface limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)TYP
MAX
(Note 14)UNIT
DC CHARACTERISTICS - RS-485 DRIVER (PORT 2)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50Ω (RS-422) (Figure 2)Full
2
2.3
-
V
R = 27Ω (RS-485) (Figure 2)Full
1.5
2
5
V
VOD3
RD = 60Ω, R = 375Ω, VCM = -7V to 12V (Figure 2)Full
1.5
-
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
VOD
R = 27Ω or 50Ω (Figure 2)Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27Ω or 50Ω (Figure 2)Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
VOC
R = 27Ω or 50Ω (Figure 2)Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V ≤ (VY or VZ) ≤ 12V (Note 12)Full
35
-
250
mA
Driver Three-State Output Leakage
Current (Y, Z)
IOZ
Outputs disabled,
VCC = 0V or 3.6V
VOUT = 12V
Full
-
-
200
µA
VOUT = -7V
Full
-200
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (PORT 1)
Driver Output Voltage Swing
VO
All TOUTS loaded with 3kΩ to ground
Full
±5
-
-
V
Driver Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
-
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH
Full
2.2
-
-
V
Input Low Voltage
VIL
Full
-
-
0.8
V
Input Current
IIN1
Pins Without Pull ups or Pull downs
Full
-2
-
2
µA
IIN2
SLOW485, DE485, RE485, SHDN
Full
-25
-
25
µA


Similar Part No. - ISL33337E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33337E INTERSIL-ISL33337E Datasheet
775Kb / 23P
   Full fail-safe (open/short) RS-485/422 port 2 Rx
logo
Renesas Technology Corp
ISL33337E RENESAS-ISL33337E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ RENESAS-ISL33337EIRZ Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ-T RENESAS-ISL33337EIRZ-T Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ-T7A RENESAS-ISL33337EIRZ-T7A Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL33337E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com