Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM03-3011LFT Datasheet(PDF) 1 Page - C&K Components

Part # CCM03-3011LFT
Description  Compatible with pick and place and
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3011LFT Datasheet(HTML) 1 Page - C&K Components

  CCM03-3011LFT Datasheet HTML 1Page - C&K Components CCM03-3011LFT Datasheet HTML 2Page - C&K Components CCM03-3011LFT Datasheet HTML 3Page - C&K Components CCM03-3011LFT Datasheet HTML 4Page - C&K Components CCM03-3011LFT Datasheet HTML 5Page - C&K Components CCM03-3011LFT Datasheet HTML 6Page - C&K Components CCM03-3011LFT Datasheet HTML 7Page - C&K Components CCM03-3011LFT Datasheet HTML 8Page - C&K Components CCM03-3011LFT Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Designation
Contact
Plating
Cover
# of
Contacts
PCB
Version
Card
Presence
Switch
Operating
Life
Total
Height
(mm)
Dim. (mm)
Packaging
CCM03-3001LFT
inlay
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3002LFT
inlay
hinged
6
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3003LFT
inlay
hinged
8
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3004LFT
inlay
hinged
8
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3009LFT
gold
hinged
6
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3010LFT
gold
hinged
6
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3011LFT
gold
hinged
8
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3012LFT
gold
hinged
8
2 plastic pegs
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3013LFT
gold
hinged
6
with
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3512LFT
gold
hinged
6
Large soldering pads*
without
10,000
2,55
17,2 x 29,65
reels of 1,000 pcs
CCM03-3504LFT
gold
fixed
8
without
50,000
2,85
17,2 x 25,5
reels of 1,000 pcs
CCM03-3505LFT
gold
fixed
6
without
50,000
2,85
17,2 x 25,5
reels of 1,000 pcs
CCM03-3754LFT
inlay
fixed
6
with
10,000
3,5
16,5 x 18,05
reels of 1,000 pcs
CCM03-3760LFT
inlay
fixed
6
without
10,000
3,45
16,5 x 15,85
reels of 1,000 pcs
CCM03-3764LFT
inlay
none
6
with
10,000
2,9
16,5 x 15,85
reels of 1,000 pcs
24
Mechanical
Number of Contacts
6 or 8
Mechanical life, hinged cover 10,000 cycles min
Mechanical life, fixed cover
50,000 cycles
Card insertion force
Hinged cover: 1N max
Fixed cover: 3N max
Card extraction force
Hinged cover: 1N max
Fixed cover: 0,80N min / 3N max
Contact force
0,25N min / 0,50N max
Slide locking force
2N min / 6N max
1,8N max. for complete depression
Vibration Frequency
10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35 mm
Max electrical discontinuity
1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Soldering Process
Compatible with lead free SMT soldering process
Contact Electrical Data
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Switch Electrical Data
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10m A max
Maximum power
0.2 VA
Environment Data
Operating temperature
-40°C to +85°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
RoHS compliant
Features
SIM/SAM card acceptance
Hinged and fixed covers
Compatible with pick and place and
lead free soldering
Typical Applications
Handheld products
Identification
POS
Automotive
* Can go through reflow upside down
CCM03 MK2 Series


Similar Part No. - CCM03-3011LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3011LFT CK-COMPONENTS-CCM03-3011LFT Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3011LFTR102 CK-COMPONENTS-CCM03-3011LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
More results

Similar Description - CCM03-3011LFT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53913NLT PULSE-PE-53913NLT Datasheet
142Kb / 1P
   Pick and place compatible
logo
Festo Corporation.
HSP-12-AP-SD FESTO-HSP-12-AP-SD Datasheet
82Kb / 2P
   Pick and place machine
HSP-12-AP-SD-WL FESTO-HSP-12-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
HSP-12-AS FESTO-HSP-12-AS Datasheet
85Kb / 2P
   Pick and place machine
HSP-16-AP-SD FESTO-HSP-16-AP-SD Datasheet
83Kb / 2P
   Pick and place machine
HSP-16-AP-WL FESTO-HSP-16-AP-WL Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AP-WL FESTO-HSP-25-AP-WL Datasheet
98Kb / 2P
   Pick and place machine
HSP-25-AP-WR FESTO-HSP-25-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AS FESTO-HSP-25-AS Datasheet
85Kb / 2P
   Pick and place machine
HSW-10-AP-SD-AW FESTO-HSW-10-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com