Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C128A-45LMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C128A-45LMB
Description  2K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C128A-45LMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C128A-45LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C128A-45LMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C128A
3
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 481
R2
255
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 5ns
≤ 5 ns
5V
OUTPUT
C128A–4
R1 481
R2
255
5pF
INCLUDING
JIG AND
SCOPE
C128A–5
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167
Switching Characteristics Over the Operating Range[2,6]
7C128A–15
7C128A–20
7C128A–25
7C128A–35
7C128A–45
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
20
25
35
45
ns
tAA
Address to Data Valid
15
20
25
35
45
ns
tOHA
Data Hold from Address Change
5555
5
ns
tACE
CE LOW to Data Valid
15
20
25
35
45
ns
tDOE
OE LOW to Data Valid
10
10
12
15
20
ns
tLZOE
OE LOW to Low Z
3333
3
ns
tHZOE
OE HIGH to High Z[7]
8
8
10
12
15
ns
tLZCE
CE LOW to Low Z[8]
5555
5
ns
tHZCE
CE HIGH to High Z[7,8]
8
8
10
15
15
ns
tPU
CE LOW to Power-Up
0000
0
ns
tPD
CE HIGH to Power-Down
15
20
20
20
25
ns
WRITE CYCLE[9]
tWC
Write Cycle Time
15
20
20
25
40
ns
tSCE
CE LOW to Write End
12
15
20
25
30
ns
tAW
Address Set-Up to Write End
12
15
20
25
30
ns
tHA
Address Hold from Write End
0000
0
ns
tSA
Address Set-Up to Write Start
0000
0
ns
tPWE
WE Pulse Width
12
15
15
20
20
ns
tSD
Data Set-Up to Write End
10
10
10
15
15
ns
tHD
Data Hold from Write End
0000
0
ns
tHZWE
WE LOW to High Z[7]
7
7
7
10
15
ns
tLZWE
WE HIGH to Low Z
5555
5
ns
Notes:
6.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7.
tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady state voltage.
8.
At any given temperature and voltage condition, tHZCE is less than tLZCE for any given device.
9.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can terminate
a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.


Similar Part No. - CY7C128A-45LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A-45LMB CYPRESS-CY7C128A-45LMB Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results

Similar Description - CY7C128A-45LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
   2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com