Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD03N60C3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD03N60C3
Description  Cool MOS Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD03N60C3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPD03N60C3_14 Datasheet HTML 3Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 4Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 5Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 6Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 7Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 8Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 9Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 10Page - Infineon Technologies AG SPD03N60C3_14 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
,**8'04!!7
%'(" #"5
$
QWU 1
970$'5*$/'
97<$'5*$/'
- ;UM# D>PB @E>NDB
VGS 6 / ")@QcU#
`QaQ]UcUa4 '= 6 -(, 9 `d\bUT
*
,
.
0
2
+*
+,
+.
+0 ^<
,*
)@QcU
*
,
.
0
2
+*
+,
N
+0
KH=*-F0*<-
*(, VDS max
*(2 VDS max
%$ 2LNS>NA @E>N>@PBNFOPF@O LC ?LAU AFLAB
'? 6 / "NK=#
`QaQ]UcUa4 +Z & c` 6 +* lb
*
*(.
*(2
+(,
+(0
,
,(.
N
-
,K=
',
+*
'+
+*
*
+*
+
+*
9
KH=*-F0*<-
+
Z 6 ,/ j< ch`
+
Z 6 ,/ j< "32!#
+
Z 6 +/* j< ch`
+
Z 6 +/* j< "32!#
%% ;UM# AN>FK @QNNBKP OILMB
di/dt
6 V"RG#& Y^TdScYeU \_QT& Tj 6 +,/j<
`Qa(4 VDS6-2*N& VGS6*)%+-N& '=6-(,9
*
.*
2*
+,*
+0*
!
,,*
RG
*
+/*
-**
./*
0**
1/*
3**
+*/*
+,**
9)lb
+/**
TY)Tc"_^#
TY)Tc"_VV#
%& ;UM# OSFP@EFKD PFJB
2 6 / "RG#& Y^TdScYeU \_QT& Tj6+,/j<
`Qa(4 VDS6-2*N& VGS6*)%+-N& '=6-(, 9
*
,*
.*
0*
2* +** +,* +.* +0*
! ,**
RG
*
/*
+**
+/*
,**
,/*
-**
-/*
.**
^b
/**
cT"_VV#
cV
cT"_^#
ca
Rev. 2.6
Page 1
2014-09-04
7


Similar Part No. - SPD03N60C3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD03N60C3 INFINEON-SPD03N60C3_08 Datasheet
987Kb / 13P
   Cool MOS Power Transistor
2008-04-07 revision:2.5
More results

Similar Description - SPD03N60C3_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com