Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP08P06PH Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP08P06PH
Description  SIPMOS횘 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP08P06PH Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP08P06PH Datasheet HTML 1Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 2Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 3Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 4Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 5Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 6Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 7Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 8Page - Infineon Technologies AG SPP08P06PH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
20
11-08-31
Rev 1.
6
Page 5
SPP08P06P
H
Drain current
ID = f (TC)
parameter:
VGS³ 10 V
0
20
40
60
80
100 120 140 160°C 190
TC
0
-1
-2
-3
-4
-5
-6
-7
-8
A
-10
SPP08P06P
Power dissipation
Ptot = f (TC)
0
20
40
60
80
100 120 140 160°C 190
TC
0
5
10
15
20
25
30
35
40
W
50
SPP08P06P
Transient thermal impedance
ZthJC = f (tp)
parameter :
D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPP08P06P
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Safe operating area
ID = f ( VDS )
parameter :
D = 0 , TC = 25 °C
-10
-1
-10
0
-10
1
-10
2
V
VDS
-1
-10
0
-10
1
-10
2
-10
A
SPP08P06P
DC
10 ms
1 ms
100 µs
t
p
= 12.0µs


Similar Part No. - SPP08P06PH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP08P06PH VBSEMI-SPP08P06PH Datasheet
955Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPP08P06PH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SPD30P06P INFINEON-SPD30P06P_08 Datasheet
557Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 2.3 2008-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com