Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29LV800 Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part No. EN29LV800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV800 Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29LV800 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV800 Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
6
EN29LV800
Rev 0.4 Release Date: 2002/01/29
TABLE 3. OPERATING MODES
8M FLASH USER MODE TABLE
DQ8-DQ15
Operation
CE#
OE#
WE
#
Reset#
A0-
A18
DQ0-DQ7
Byte#
= VIH
Byte#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
Vcc ± 0.3V
X
X
Vcc ± 0.3V
X
High-Z
High-Z
High-Z
TTL Standby
H
X
X
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary
Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
X
Notes:
L=logic low= VIL, H=Logic High= VIH, VID =11
± 0.5V, X=Don’t Care (either L or H, but not floating!),
DIN=Data In, DOUT=Data Out, AIN=Address In
TABLE 4. DEVICE IDENTIFICTION (Autoselect Codes)
8M FLASH MANUFACTURER/DEVICE ID TABLE
Note:
1. If a manufacturing ID is read with A8=L, the chip will output a configuration code 7Fh. A further Manufacturing ID must be
read with A8=H.
2. A9 = VID is for HV A9 Autoselect mode only. A9 must be
≤ Vcc (CMOS logic level) for Command Autoselect Mode.
Description
Mode
A18
to
A12
A11
to
A10
A9
2
A8
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7 to
DQ0
Manufacturer ID:
EON
L
L
H
X
X
VID
H
1
X
L
X
L
L
X
1Ch
Word
L
L
H
22h
DAh
Device ID
(top boot
block)
Byte
L
L
H
X
X
VID
X
X
L
X
L
H
X
DAh
Word
L
L
H
22h
5Bh
Device ID
(bottom boot
block)
Byte
L
L
H
X
X
VID
X
X
L
X
L
H
X
5Bh
X
01h
(Protected)
Sector Protection
Verification
L
L
H
SA
X
VID
X
X
L
X
H
L
X
00h
(Unprotected)
OE
CE
WE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EN29LV800A8 Megabit 1024K x 8-bit / 512K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV16016 Megabit 2048K x 8-bit / 1024K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV400A4 Megabit 512K X 8-bit / 256K X 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV640T64 Megabit 8M x 8-bit / 4M x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV32032 Megabit 4096K x 8-bit / 2048K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV320A32 Megabit 4096K x 8-bit / 2048K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
AM29LV200B_032 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory Die Revison 1 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV116D_0616 Megabit 2 M x 8-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV800D_068 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreSPANSION
AM29LV160D_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn