Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29LV800 Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part No. EN29LV800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV800 Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
5
EN29LV800
Rev 0.4 Release Date: 2002/01/29
PRODUCT SELECTOR GUIDE
Product Number
EN29LV800
Regulated Voltage Range: Vcc=3.0 – 3.6 V
-70R
Speed Option
Full Voltage Range: Vcc=2.7 – 3.6 V
-90
Max Access Time, ns (tacc)
70
90
Max CE# Access, ns (tce)
70
90
Max OE# Access, ns (toe)
30
35
BLOCK DIAGRAM
WE
CE
OE
State
Control
Command
Register
Erase Voltage Generator
Input/Output Buffers
Program Voltage
Generator
Chip Enable
Output Enable
Logic
Data Latch
Y-Decoder
X-Decoder
Y-Gating
Cell Matrix
Timer
Vcc Detector
A0-A18
Vcc
Vss
DQ0-DQ15 (A-1)
Block Protect Switches
STB
STB
RY/BY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EN29LV800A8 Megabit 1024K x 8-bit / 512K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV16016 Megabit 2048K x 8-bit / 1024K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV400A4 Megabit 512K X 8-bit / 256K X 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV640T64 Megabit 8M x 8-bit / 4M x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV32032 Megabit 4096K x 8-bit / 2048K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
EN29LV320A32 Megabit 4096K x 8-bit / 2048K x 16-bit Flash Memory Boot Sector Flash Memory CMOS 3.0 Volt-only 1 2 3 4 5 MoreEon Silicon Solution Inc.
AM29LV200B_032 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory Die Revison 1 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV116D_0616 Megabit 2 M x 8-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV800D_068 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreSPANSION
AM29LV160D_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn