Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX258 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX258
Description  Integrated System Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX258 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX258 Datasheet HTML 4Page - Maxim Integrated Products MAX258 Datasheet HTML 5Page - Maxim Integrated Products MAX258 Datasheet HTML 6Page - Maxim Integrated Products MAX258 Datasheet HTML 7Page - Maxim Integrated Products MAX258 Datasheet HTML 8Page - Maxim Integrated Products MAX258 Datasheet HTML 9Page - Maxim Integrated Products MAX258 Datasheet HTML 10Page - Maxim Integrated Products MAX258 Datasheet HTML 11Page - Maxim Integrated Products MAX258 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Component Selection
Transformer Selection
Transformer selection for the MAX258 can be simplified
by the use of the ET product. The ET product relates
the maximum allowable magnetic flux density in a trans-
former core to the voltage across a winding and switch-
ing period. Inductor magnetizing current in the primary
winding changes linearly with time during the switching
period of the device. Each transformer has a minimum
ET product, though not always stated on the transformer
data sheet. Ensure that the transformer selected for use
with the device has an ET product of at least ET = VDD/(2
x fSW) for each half of the primary winding, where fSW is
the minimum switching frequency of the T1 and T2 ouputs.
Select a transformer with sufficient ET product for each
half of the primary winding to ensure that the transformer
does not saturate during operation. Saturation of the mag-
netic core results in significantly reduced inductance of the
primary, and therefore in a large increase in current flow.
For example, when HICLK is low, the required trans-
former ET product to the center tap for an application with
VDD (max) = 5.5V, is 13.1V-µs. An application with VDD
(max) = 3.3V has a transformer ET product to the center
tap requirement of 7.9V-µs.
In addition to the constraint on ET product, choose a trans-
former with low leakage inductance and low DC-winding
resistance. Power dissipation of the transformer due to
the copper loss is approximated as:
PD_TX = ILOAD2 x (RPRI/N2 + RSEC)
where RPRI is the DC-winding resistance of the primary,
and RSEC is the DC-winding resistance of the second-
ary. In most cases, an optimum is reached when RSEC =
RPRI/N2. For this condition, the power dissipation is equal
for the primary and secondary windings.
As with all power-supply designs, it is important to opti-
mize efficiency. In designs incorporating small trans-
formers, the possibility of thermal runaway makes low
transformer efficiencies problematic. Transformer losses
produce a temperature rise that reduces the efficiency of
the transformer. The lower efficiency, in turn, produces an
even larger temperature rise.
To ensure that the transformer meets these requirements
under all operating conditions, the design should focus on
the worst-case conditions. The most stringent demands
on ET product arise for maximum input voltage, minimum
switching frequency, and maximum temperature and load
current. Additionally, the worst-case values for transform-
er and rectifier losses should be considered.
The primary must be center-tapped; however the second-
ary winding may or may not be center-tapped, depending
on the rectifier topology used. The phasing between pri-
mary and secondary windings is not critical.
The transformer turns ratio must be set to provide the
minimum required output voltage at the maximum antici-
pated load with the minimum expected input voltage. In
addition, include in the calculations an allowance for the
worst-case losses in the rectifiers. Since the turns ratio
determined in this manner ordinarily produces a much
higher voltage at the secondary under conditions of high
input voltage and/or light loading, take care to prevent an
overvoltage condition from occurring.
Transformers for use with the IC are typically wound on
a high-permeability magnetic core. To minimize radiated
electromagnetic emissions, select a toroid, pot core, E/I/U
core, or equivalent.
Diode Selection
The high switching speed capability of the MAX258
necessitates high-speed rectifiers. Ordinary silicon signal
diodes such as the 1N914 or 1N4148 can be used for low-
output current levels (less than 50mA), but at high-output
current levels, their reverse recovery times might degrade
efficiency. At higher output currents, select low forward-
voltage Schottky diodes to improve efficiency. Ensure
that the average forward current rating for the rectifier
diodes exceeds the maximum load current of the circuit.
For surface-mount applications, Schottky diodes such as
the B230A, MBRS230, and MBRS320 are recommended.
Suggested External Component Manufacturers
Table 1. Suggested External Component Manufacturers
MANUFACTURER
COMPONENT
WEBSITE
Halo Electronics
Transformers
www.haloelectronics.com
Diodes Inc.
Diodes
www.diodes.com
Murata Americas
Capacitors
www.murataamericas.com
MAX258
500mA, Push-Pull Transformer Driver
for Isolated Power Supplies
www.maximintegrated.com
Maxim Integrated │ 10


Similar Part No. - MAX258

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258 Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX2580 MAXIM-MAX2580 Datasheet
100Kb / 2P
   LTE Small-Cell MIMO Transceiver
8/4/2016
MAX2585 MAXIM-MAX2585 Datasheet
1Mb / 15P
   Evaluation Kit
Rev 0; 3/07
MAX2585EVKIT MAXIM-MAX2585EVKIT Datasheet
1Mb / 15P
   Evaluation Kit
Rev 0; 3/07
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
More results

Similar Description - MAX258

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
logo
Maxim Integrated Produc...
MAX13256 MAXIM-MAX13256 Datasheet
2Mb / 17P
   36V H-Bridge Transformer Driver for Isolated Supplies Integrated System Protection
Rev 0; 6/11
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Infineon Technologies A...
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com