Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E17 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS28E17
Description  Low Power Consumption
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E17 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS28E17 Datasheet HTML 5Page - Maxim Integrated Products DS28E17 Datasheet HTML 6Page - Maxim Integrated Products DS28E17 Datasheet HTML 7Page - Maxim Integrated Products DS28E17 Datasheet HTML 8Page - Maxim Integrated Products DS28E17 Datasheet HTML 9Page - Maxim Integrated Products DS28E17 Datasheet HTML 10Page - Maxim Integrated Products DS28E17 Datasheet HTML 11Page - Maxim Integrated Products DS28E17 Datasheet HTML 12Page - Maxim Integrated Products DS28E17 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
A multidrop bus consists of a 1-Wire bus with multiple
slaves attached. The DS28E17 supports both a standard
and overdrive communication speed of 15kbps (max) and
77kbps (max), respectively. The value of the pullup resis-
tor primarily depends on the network size and load condi-
tions. The DS28E17 requires a pullup resistor of 2.2kΩ
(max) at any speed.
The idle state for the 1-Wire bus is high. If for any reason
a transaction needs to be suspended, the bus must be left
in the idle state if the transaction is to resume. If this does
not occur and the bus is left low, one or more devices on
the bus could be reset.
Transaction Sequence
The protocol for accessing the DS28E17 through the
1-Wire port is as follows:
● Initialization
● ROM function command
● Device command
● Transaction/data
Initialization
All transactions on the 1-Wire bus begin with an initializa-
tion sequence. The initialization sequence consists of a
reset pulse transmitted by the bus master followed by
presence pulse(s) transmitted by the slave(s). The pres-
ence pulse lets the bus master know that the DS28E17 is
on the bus and is ready to operate.
1-Wire ROM Function Commands
Once the bus master has detected a presence, it can
issue one of the seven ROM function commands that the
DS28E17 supports. All ROM function commands are 8
bits long. A list of these commands follows. See the flow-
chart in Figure 4a and Figure 4b.
Read ROM [33h]
The Read ROM command allows the bus master to read
the DS28E17’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command can only be used
if there is a single slave on the bus. If more than one
slave is present on the bus, a data collision occurs when
all slaves try to transmit at the same time (open drain
produces a wired-AND result). The resultant family code
and 48-bit serial number result in a mismatch of the CRC.
Match ROM [55h]
The Match ROM command, followed by a 64-bit ROM
sequence, allows the bus master to address a specific
DS28E17 on a multidrop bus. Only the DS28E17 that
exactly matches the 64-bit ROM sequence responds to
the subsequent Device command. All other slaves wait for
a reset pulse. This command can be used with a single
device or multiple devices on the bus.
Search ROM [F0h]
When a system is initially brought up, the bus master
might not know the number of devices on the 1-Wire bus
or their ROM ID numbers. By taking advantage of the
wired-AND property of the bus, the master can use a pro-
cess of elimination to identify the ID of all slave devices.
For each bit in the ID number, starting with the least sig-
nificant bit, the bus master issues a triplet of time slots.
On the first slot, each slave device participating in the
search outputs the true value of its ID number bit. On the
second slot, each slave device participating in the search
outputs the complemented value of its ID number bit. On
the third slot, the master writes the true value of the bit
to be selected. All slave devices that do not match the
bit written by the master stop participating in the search.
If both of the read bits are zero, the master knows that
slave devices exist with both states of the bit. By choos-
ing which state to write, the bus master branches in the
search tree. After one complete pass, the bus master
knows the ROM ID number of a single device. Additional
passes identify the ID numbers of the remaining devices.
Refer to Application Note 187: 1-Wire Search Algorithm
for a detailed discussion, including an example.
DS28E17
1-Wire-to-I2C Master Bridge
www.maximintegrated.com
Maxim Integrated │ 9


Similar Part No. - DS28E17

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E17 MAXIM-DS28E17 Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
More results

Similar Description - DS28E17

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com