Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # GS1A
Description  1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GS1A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  GS1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GS1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GS1A THRU GS1M
version:01
2of2
1.0
150
100
50
0.5
0
0
200
10.0
1.0
1.4
1.1
Pulse Width=300μs
1% Duty Cycle
.8
.1
.5
.01
INSTANEOUS FORWARD VOLTAGE,(V)
1.7
8.3ms Single Half
Sine-Wave (JEDEC
Method)
40
30
NUMBER OF CYCLES AT 60Hz
10
20
10
0
0
100
10
80
100
120
1
.1
60
0
20
40
140
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
T= 2 5 C
A
O
PERCENT OF RATED PEAK INVERSE VOLTGE
T= 2 5 C
A
O
www.dyelec.com
AMBIENT TEMPERTURE(℃)


Similar Part No. - GS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DACO SEMICONDUCTOR CO.,...
GS1A DACO-GS1A Datasheet
471Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Kingtronics Internation...
GS1A KINGTRONICS-GS1A Datasheet
898Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
More results

Similar Description - GS1A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GS1AU DYELEC-GS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
G1AU DYELEC-G1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
E1A DYELEC-E1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1A DYELEC-ES1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
RS1AU DYELEC-RS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
E1AN DYELEC-E1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
R1A DYELEC-R1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS1A DYELEC-RS1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com