Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S011BGILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 853S011BGILF
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S011BGILF Datasheet(HTML) 4 Page - Integrated Device Technology

  853S011BGILF Datasheet HTML 1Page - Integrated Device Technology 853S011BGILF Datasheet HTML 2Page - Integrated Device Technology 853S011BGILF Datasheet HTML 3Page - Integrated Device Technology 853S011BGILF Datasheet HTML 4Page - Integrated Device Technology 853S011BGILF Datasheet HTML 5Page - Integrated Device Technology 853S011BGILF Datasheet HTML 6Page - Integrated Device Technology 853S011BGILF Datasheet HTML 7Page - Integrated Device Technology 853S011BGILF Datasheet HTML 8Page - Integrated Device Technology 853S011BGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
©2016 Integrated Device Technology, Inc.
Revision B, February 23, 2016
853S011B Datasheet
Table 3B. LVPECL DC Characteristics, VCC = 3.3V; VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: Input and output parameters vary 1:1 with VCC. VEE can vary +0.925V to -0.5V.
NOTE 1: Outputs terminated with 50
to V
CCO – 2V.
NOTE 2: Common mode voltage is defined as VIH.
Table 3C. LVPECL DC Characteristics, VCC = 2.5V; VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: Input and output parameters vary 1:1 with VCC. VEE can vary +0.925V to -0.5V.
NOTE 1: Outputs terminated with 50
to V
CCO – 2V.
NOTE 2: Common mode voltage is defined as VIH.
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
2.245
2.350
2.450
2.265
2.340
2.415
2.245
2.320
2.395
V
VOL
Output Low Voltage; NOTE 1
1.380
1.520
1.660
1.415
1.510
1.605
1.405
1.500
1.595
V
VPP
Peak-to-Peak Input Voltage
150
800
1200
150
800
1200
150
800
1200
mV
VCMR
Input High Voltage Common
Mode Range; NOTE 2
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input
High Current
PCLK, nPCLK
200
200
200
µA
IIL
Input
Low Current
PCLK
-10
-10
-10
µA
nPCLK
-200
-200
-200
µA
Symbol
Parameter
-40°C
25°C
85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
1.445
1.550
1.650
1.405
1.540
1.615
1.445
1.520
1.595
V
VOL
Output Low Voltage; NOTE 1
0.580
0.720
0.860
0.615
0.710
0.805
0.605
0.700
0.795
V
VPP
Peak-to-Peak Input Voltage
150
800
1200
150
800
1200
150
800
1200
mV
VCMR
Input High Voltage Common
Mode Range; NOTE 2
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input
High Current
PCLK, nPCLK
200
200
200
µA
IIL
Input
Low Current
PCLK
-10
-10
-10
µA
nPCLK
-200
-200
-200
µA


Similar Part No. - 853S011BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S011BGILF IDT-853S011BGILF Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011BGILF RENESAS-853S011BGILF Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
853S011BGILFT IDT-853S011BGILFT Datasheet
315Kb / 20P
   LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
853S011BGILFT RENESAS-853S011BGILFT Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results

Similar Description - 853S011BGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
   Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com