Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1950BKLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9ZXL1950BKLF
Description  19-output DB1900Z Low-Power Derivative w/85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950BKLF Datasheet(HTML) 2 Page - Integrated Device Technology

  9ZXL1950BKLF Datasheet HTML 1Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 2Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 3Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950BKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE W/85OHM TERMINATIONS 2
REVISION E 11/20/15
9ZXL1950 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Functionality at Power-up (PLL mode)
PLL Operating Mode
Tri-level Input Thresholds
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
VDDA 1
54 DIF12#
GNDA 2
53 DIF12
^100M_133M# 3
52 VDDIO
^vHIBW_BYPM_LOBW# 4
51 GND
CKPWRGD_PD# 5
50 DIF11#
GND 6
49 DIF11
VDDR 7
48 DIF10#
DIF_IN 8
47 DIF10
DIF_IN# 9
46 GND
^SADR0_tri 10
45 VDD
SMBDAT 11
44 DIF9#
SMBCLK 12
43 DIF9
^SADR1_tri 13
42 DIF8#
FBOUT_NC# 14
41 DIF8
FBOUT_NC 15
40 VDDIO
GND 16
39 GND
DIF0 17
38 DIF7#
DIF0# 18
37 DIF7
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldowm
Pins with ^v prefix have internal 120K pullup/pulldown (biased to VDD/2)
N/A 1530
9ZXL1950
(epad should be connected to GND and is
pin 73)
Control Bits
CKPWRGD_PD#
DIF_IN/
DIF_IN#
SMBus
EN bit
DIFx/
DIFx#
FBOUT_NC/
FB_OUT_NC#
0
X
X
Low/Low
Low/Low
OFF
0
Low/Low
Running
ON
1
Running
Running
ON
Inputs
PLL State
1
Running
Outputs
VDD
VDDIO
GND
1
2
Analog PLL
76
Analog Input
28, 45, 64
21, 33, 40,
52, 57, 69
16, 22, 27, 34,
39, 46, 51, 58,
63, 70, 73
DIF clocks
Pin Number
Description
100M_133M#
DIF_IN
(MHz)
DIFx
(MHz)
1
100.00
DIF_IN
0
133.33
DIF_IN
HiBW_BypM_LoBW# Byte0, bit (7:6)
Low ( PLL Low BW)
00
Mid (Bypass)
01
High (PLL High BW)
11
NOTE: PLL is off in Bypass mode
Level
Voltage
Low
<0.8V
Mid
1.2<Vin<1.8V
High
Vin > 2.2V


Similar Part No. - 9ZXL1950BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950BKLF IDT-9ZXL1950BKLF Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950BKLF RENESAS-9ZXL1950BKLF Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950BKLFT IDT-9ZXL1950BKLFT Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950BKLFT RENESAS-9ZXL1950BKLFT Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
More results

Similar Description - 9ZXL1950BKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com