Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZXL1251AKLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9ZXL1251AKLF
Description  12-output DB1200ZL Derivative with Integrated 85ohm Terminations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1251AKLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9ZXL1251AKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 9Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 10Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 11Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 12Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 13Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
12-OUTPUT DB1200ZL DERIVATIVE WITH INTEGRATED 85Ω TERMINATIONS10
REVISION B 11/20/15
9ZXL1251 DATASHEET
Electrical Characteristics–Phase Jitter Parameters
TAMB = TCOM or TIND, unless noted., Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX IND.LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
36
49
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.2
1.6
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.2
2.8
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.56
0.63
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.22
0.48
0.5
ps
(rms)
1,4
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.15
0.28
0.3
ps
(rms)
1,4
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.11
0.17
0.2
ps
(rms)
1,4
tjphPCIeG1
PCIe Gen 1
0.0
0.8
n/a
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.2
n/a
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.4
0.5
n/a
ps
(rms)
1,2,5
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4 or 2-5 MHz, CDR = 10MHz)
0.0
0.0
n/a
ps
(rms)
1,2,4,5
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.11
0.2
n/a
ps
(rms)
1,4,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.00
0.01
n/a
ps
(rms)
1,4,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.00
0.01
n/a
ps
(rms)
1,4,5
1 Applies to all outputs.
5 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jittter)^2 - (input jitter)^2]
Additive Phase Jitter,
Bypass mode
tjphPCIeG2
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
Phase Jitter, PLL Mode
tjphPCIeG2
tjphQPI_SMI


Similar Part No. - 9ZXL1251AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1251AKLF RENESAS-9ZXL1251AKLF Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL1251AKLFT RENESAS-9ZXL1251AKLFT Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
More results

Similar Description - 9ZXL1251AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL0851 RENESAS-9ZXL0851 Datasheet
634Kb / 16P
   8-Output DB800ZL Derivative with Integrated 85Ω Terminations
February 6, 2023
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231 IDT-9ZXL1231_16 Datasheet
193Kb / 18P
   12-output DB1200ZL
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com