Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0841 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FGV0841
Description  8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0841 Datasheet(HTML) 3 Page - Integrated Device Technology

  9FGV0841_16 Datasheet HTML 1Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 2Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 3Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 4Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 5Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 6Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 7Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 8Page - Integrated Device Technology 9FGV0841_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
OCTOBER 18, 2016
3
8-O/P 1.8V PCIE GEN 1-2-3 CLOCK GENERATOR W/ZO=100OHMS
9FGV0841 DATASHEET
Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1vSS_EN_tri
LATCHED
IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off
2
GNDXTAL
GND
GND for XTAL
3
X1_25
IN
Crystal input, Nominally 25.00MHz.
4
X2
OUT
Crystal output.
5
VDDXTAL1.8
PWR
Power supply for XTAL, nominal 1.8V
6
VDDREF1.8
PWR
VDD for REF output. nominal 1.8V.
7vSADR/REF1.8
LATCHED
I/O
Latch to select SMBus Address/1.8V LVCMOS copy of X1/REFIN pin
8
GNDREF
GND
Ground pin for the REF outputs.
9
GNDDIG
GND
Ground pin for digital circuitry
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
VDDDIG1.8
PWR
1.8V digital power (dirty power)
13
VDDIO
PWR
Power supply for differential outputs
14
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
15
DIF0
OUT
Differential true clock output
16
DIF0#
OUT
Differential Complementary clock output
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
VDD1.8
PWR
Power supply, nominal 1.8V
21
VDDIO
PWR
Power supply for differential outputs
22
GND
GND
Ground pin.
23
DIF2
OUT
Differential true clock output
24
DIF2#
OUT
Differential Complementary clock output
25
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
26
DIF3
OUT
Differential true clock output
27
DIF3#
OUT
Differential Complementary clock output
28
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
29
GNDA
GND
Ground pin for the PLL core.
30
VDDA1.8
PWR
1.8V power for the PLL core.
31
VDDIO
PWR
Power supply for differential outputs
32
DIF4
OUT
Differential true clock output
33
DIF4#
OUT
Differential Complementary clock output
34
vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
35
DIF5
OUT
Differential true clock output
36
DIF5#
OUT
Differential Complementary clock output
37
vOE5#
IN
Active low input for enabling DIF pair 5. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
38
VDD1.8
PWR
Power supply, nominal 1.8V
39
VDDIO
PWR
Power supply for differential outputs


Similar Part No. - 9FGV0841_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
   8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
More results

Similar Description - 9FGV0841_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0831 IDT-9FGV0831_16 Datasheet
339Kb / 17P
   8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631_16 Datasheet
207Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGU0831 IDT-9FGU0831_16 Datasheet
191Kb / 16P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0831 RENESAS-9FGU0831 Datasheet
384Kb / 17P
   8-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGU0631 IDT-9FGU0631_16 Datasheet
202Kb / 15P
   6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
389Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com