Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0831AKLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DBV0831AKLFT
Description  8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0831AKLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DBV0831AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 9Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 10Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 11Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8-OUTPUT 1.8V PCIE GEN1/2/3 ZERO-DELAY/FAN-OUT BUFFER (ZDB/FOB) 8
REVISION H 04/28/16
9DBV0831 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
Supply voltage for core and analog
1.7
1.8
1.9
V
Output Supply Voltage
VDDIO
Supply voltage for Low Power HCSL Outputs
0.95
1.05
1.9
V
Commmercial range
0
25
70
°C
Industrial range
-40
25
85
°C
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.6 VDD
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
Fibyp
Bypass mode
1
200
MHz
2
Fipll
100MHz PLL mode
60
100.00
140
MHz
2
Fipll
125MHz PLL mode
75
125.00
175
MHz
2
Fipll
50MHz PLL mode
30
50.00
65
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,5
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
1,2
Input SS Modulation
Frequency PCIe
fMODINPCIe
Allowable Frequency for PCIe Applications
(Triangular Modulation)
30
33
kHz
Input SS Modulation
Frequency non-PCIe
fMODIN
Allowable Frequency for non-PCIe Applications
(Triangular Modulation)
066
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
us
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
2
Trise
tR
Rise time of single-ended control inputs
5
ns
2
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
0.6
V
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 5 for VDDSMB < 3.3V
2.1
3.6
V
4
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
Bus Voltage
1.7
3.6
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
6
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
5DIF_IN input
6The differential input clock must be running for the SMBus to be active
4 For V
DDSMB < 3.3V, VIHSMB >= 0.8xVDDSMB
Ambient Operating
Temperature
TAMB
Input Current
Input Frequency
Capacitance


Similar Part No. - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0831 ICST-9DBV0831 Datasheet
322Kb / 19P
   62mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831 Datasheet
322Kb / 19P
   HCSL compatible differential input
logo
Renesas Technology Corp
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
More results

Similar Description - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com