Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0831AKLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DBV0831AKLFT
Description  8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0831AKLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9DBV0831AKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 9Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
8-OUTPUT 1.8V PCIE GEN1/2/3 ZERO-DELAY/FAN-OUT BUFFER (ZDB/FOB) 6
REVISION H 04/28/16
9DBV0831 DATASHEET
Test Loads
Driving LVDS
Alternate Differential Output Terminations
Rs
Zo
Units
33
100
27
85
Ohms
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100W
LVDS CLK
Input
L4
R8b
R7b
R8a
R7a
3.3 Volts
Cc
Cc
Rs
Rs
Driving LVDS
Driving LVDS inputs with the 9DBV0831
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note


Similar Part No. - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0831 ICST-9DBV0831 Datasheet
322Kb / 19P
   62mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831 Datasheet
322Kb / 19P
   HCSL compatible differential input
logo
Renesas Technology Corp
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
More results

Similar Description - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com