Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0831AKLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0831AKLFT
Description  8-output 1.8V PCIe Gen1/2/3 Zero-Delay/Fan-out Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0831AKLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0831AKLFT Datasheet HTML 1Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0831AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
REVISION H 04/28/16
3
8-OUTPUT 1.8V PCIE GEN1/2/3 ZERO-DELAY/FAN-OUT BUFFER (ZDB/FOB)
9DBV0831 DATASHEET
Power Connections
Frequency Select Table
PLL Operating Mode
Pin Number
VDD
VDDIO
GND
58
Input
receiver
analog
12
9
Digital Power
20, 31, 38
13, 21, 31,
39, 47
22, 29, 40
DIF outputs
30
29
PLL Analog
Description
FSEL
Byte3 [4:3]
CLK_IN
(MHz)
DIFx
(MHz)
00 (Default)
100.00
CLK_IN
01
50.00
CLK_IN
10
125.00
CLK_IN
11
Reserved
Reserved
HiBW_BypM_LoBW#
MODE
Byte1 [7:6]
Readback
Byte1 [4:3]
Control
0
PLL Lo BW
00
00
MBypass
01
01
1
PLL Hi BW
11
11


Similar Part No. - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0831 ICST-9DBV0831 Datasheet
322Kb / 19P
   62mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9DBV0831 IDT-9DBV0831 Datasheet
322Kb / 19P
   HCSL compatible differential input
logo
Renesas Technology Corp
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
More results

Similar Description - 9DBV0831AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
   2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
   4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com