Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CMT06N60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. CMT06N60
Description  POWER FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

CMT06N60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMT06N60
POWER FIELD EFFECT TRANSISTOR
2003/06/19
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current - Continuous
Pulsed
ID
IDM
6.0
18
A
Gate-to-Source Voltage - Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
TO-220
TO-220FP
PD
125
45
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy - TJ = 25℃
(VDD = 100V, VGS = 10V, IL = 6A, L = 10mH, RG = 25Ω)
EAS
180
mJ
Thermal Resistance - Junction to Case
Junction to Ambient
θJC
θJA
1.0
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260
(1) VDD = 50V, ID = 6A
(2) Pulse Width and frequency is limited by TJ(max) and thermal response
ORDERING INFORMATION
Part Number
Package
CMT06N60N220
TO-220
CMT06N60N220FP
TO-220FP
TEST CIRCUIT
Test Circuit – Avalanche Capability


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn