Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIGC158T120R3E Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SIGC158T120R3E
Description  TRENCHSTOPTM IGBT3 Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC158T120R3E Datasheet(HTML) 4 Page - Infineon Technologies AG

  SIGC158T120R3E_15 Datasheet HTML 1Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 2Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 3Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 4Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 5Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 6Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 7Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 8Page - Infineon Technologies AG SIGC158T120R3E_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SIGC158T120R3E
L7698M, L7698T, L7698E
4
Rev. 2.3, 19.08.2015
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage, Tvj=25C
VCE
1200
V
DC collector current, limited by Tvj max 2
IC
-
A
Pulsed collector current, tp limited by Tvj max 3
IC,puls
450
A
Gate-emitter voltage
VGE
20
V
Junction temperature range
Tvj
-55 ... +175
°C
Operating junction temperature
Tvj
-55 ... +150
°C
Short circuit data
3 / 4 V
GE=15V, VCC=900V, Tvj=125°C
tsc
10
µs
Reverse bias safe operating area
3
(RBSOA)
IC,max=300A, VCE,max=1200V, Tvj125°C
Static Characteristics (tested on wafer), Tvj=25C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
Collector-emitter breakdown voltage
V(BR)CES
VGE=0V, IC=6mA
1200
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15V, IC=45A
0.98
1.19
1.37
Gate-emitter threshold voltage
VGE(th)
IC=6mA, VGE=VCE
5.0
5.8
6.5
Zero gate voltage collector current
ICES
VCE=1200V, VGE=0V
-
-
20
µA
Gate-emitter leakage current
IGES
VCE=0V, VGE=20V
-
-
600
nA
Integrated gate resistor
rG
5
Electrical Characteristics 3
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
Collector-emitter saturation
voltage
Tvj=25C
VCEsat
VGE=15V, IC=150A
1.4
1.7
2.1
V
Tvj=125C
-
2.0
-
Input capacitance
Cies
VCE=25V,
VGE=0V, f=1MHz
Tvj=25C
-
10766
-
pF
Reverse transfer capacitance
Cres
-
488
-
2 Depending on thermal properties of assembly.
3 Not subject to production test - verified by design/characterization.
4 Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SIGC158T120R3E_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC158T120R3E INFINEON-SIGC158T120R3E Datasheet
195Kb / 5P
   positive temperature coefficient
Rev 2.1, 02.07.2014
More results

Similar Description - SIGC158T120R3E_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC158T120R3LE INFINEON-SIGC158T120R3LE_15 Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC109T120R3LE INFINEON-SIGC109T120R3LE_15 Datasheet
343Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC54T60R3E INFINEON-SIGC54T60R3E Datasheet
276Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 19.07.2017
SIGC03T60SE INFINEON-SIGC03T60SE Datasheet
284Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC10T60SE INFINEON-SIGC10T60SE Datasheet
283Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 20.07.2017
SIGC40T60R3E INFINEON-SIGC40T60R3E Datasheet
290Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.07.2017
SIGC20T120LE INFINEON-SIGC20T120LE_15 Datasheet
499Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.3, 19.08.2015
SIGC78T65R3E INFINEON-SIGC78T65R3E Datasheet
341Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 25.01.2017
SIGC76T65R3E INFINEON-SIGC76T65R3E Datasheet
336Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.0, 04.11.2016
SIGC76T60R3E INFINEON-SIGC76T60R3E Datasheet
338Kb / 9P
   TRENCHSTOPTM IGBT3 Chip
Rev. 2.1, 26.07.2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com