Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2676T-3.3 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2676T-3.3
Description  SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2676T-3.3 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2676T-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 19Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 20Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 21Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 22Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 23Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 24Page - National Semiconductor (TI) LM2676T-3.3 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Capacitor Selection Guides (Continued)
Table 6. Output Capacitors for Adjustable Output Voltage Applications (Continued)
Output Voltage
(V)
Inductance
(µH)
Surface Mount
AVX TPS Series
Sprague 594D
Series
Kemet T495 Series
No.
C Code
No.
C Code
No.
C Code
2.5 to 3.75
33*
4
C1
3
C2
4
C3
47*
3
C1
2
C2
3
C3
3.75 to 5
22
4
C1
3
C2
4
C3
33
3
C1
2
C2
3
C3
47
2
C1
2
C2
2
C3
5 to 6.25
22
3
C2
3
C3
3
C4
33
2
C2
2
C3
2
C4
47
2
C2
2
C3
2
C4
68
1
C2
1
C3
1
C4
6.25 to 7.5
22
3
C2
1
C4
3
C4
33
2
C2
1
C3
2
C4
47
1
C3
1
C4
1
C6
68
1
C2
1
C3
1
C4
7.5 to 10
33
2
C5
1
C6
2
C8
47
1
C5
1
C6
2
C8
68
1
C5
1
C6
1
C8
100
1
C4
1
C5
1
C8
10 to 12.5
33
1
C5
1
C6
2
C8
47
1
C5
1
C6
2
C8
68
1
C5
1
C6
1
C8
100
1
C5
1
C6
1
C8
12.5 to 15
33
1
C6
1
C8
1
C8
47
1
C6
1
C8
1
C8
68
1
C6
1
C8
1
C8
100
1
C6
1
C8
1
C8
15 to 20
33
1
C8
1
C10
2
C10
47
1
C8
1
C9
2
C10
68
1
C8
1
C9
2
C10
100
1
C8
1
C9
1
C10
20 to 30
33
2
C9
2
C11
2
C11
47
1
C10
1
C12
1
C11
68
1
C9
1
C12
1
C11
100
1
C9
1
C12
1
C11
30 to 37
10
4
C13
8
C12
15
3
C13
5
C12
22
No Values Available
2
C13
4
C12
33
1
C13
3
C12
47
1
C13
2
C12
68
1
C13
2
C12
www.national.com
21


Similar Part No. - LM2676T-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2676T-3.3 TI-LM2676T-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-3.3 TI-LM2676T-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-3.3 TI-LM2676T-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-3.3/NOPB TI1-LM2676T-3.3/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-3.3/NOPB TI1-LM2676T-3.3/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results

Similar Description - LM2676T-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI1-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com