Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 21 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 17Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 18Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 19Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 20Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 21Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 22Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 23Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 24Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
20
Lead Definitions
Symbol
Pin #
Description
VSP
10
Voltage Set Point analog input. Provides the value of the PWM modulation index to the controller.
PG
14
Provides speed feedback to through pulses per revolution. It is an open drain output 15V tolerant.
Output is a square wave of a 3 pulses per electrical cycle of fundamental frequency
DIR
15
Motor Direction Input (internally pulled up high = UVW)
EFF
9
Load curve selection parameter Input for efficiency improvement
XTAL
40
Clock buffer output
CLKIN
1
Clock buffer input
VSS
11
Logic ground
COM
16,17
Analog input ITRIP and Power Ground and Low side MOSFET cource
VCC
13
15V supply voltage
HALL1+
4
Hall sensor 1 positive input
HALL1-
3
Hall sensor 1 negative input
HALL2+
6
Hall sensor 2 positive input
HALL2-
5
Hall sensor 2 negative input
TST1
8
Pin for factory testing
– connect to VDD in normal application
TST2
7
Pin for factory testing
– connect to VSS in normal application
VDD
2
3.3V output
U
18,19
U phase output
V
20,21
V phase output
W
22,23,24,
25,26
W phase output
VBU
37
Phase U High side Bootstrap capacitor positive
VBV
38
Phase V High side Bootstrap capacitor positive
VBW
39
Phase W High side Bootstrap capacitor positive
VSU
36
Phase U High side Bootstrap capacitor negative
VSV
35
Phase V High side Bootstrap capacitor negative
VSW
34
Phase W High side Bootstrap capacitor negative
DCBUS
27,28,29,
30,31,32,
33
DC Bus voltage


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz