Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 19 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 15Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 16Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 17Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 18Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 19Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 20Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 21Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 22Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
18
Load Curves
The following Table shows EFF pin mapping between input voltage and the advanced angle in degree per
50Hz of fundamental electrical frequency. Phase advance is by design clamped to be lower than 45 degrees
at every frequency. At frequencies above 100 Hz the advancement is constant and it is kept to the same
value at 100Hz.
Select
Degree/50Hz
Frequency [Hz] @
advance=45deg
EFF input
EFF digital input
15
25.49
64.22
3.094V
– 3.300V
152
14
24.15
65.75
2.888V
– 3.087V
144
13
22.81
68.04
2.681V
– 2.881V
136
12
21.47
70.34
2.475V
– 2.675V
128
11
20.12
72.63
2.269V
– 2.469V
120
10
18.78
75.69
2.063V
– 2.262V
112
9
17.44
78.75
1.856V
– 2.056V
104
8
16.10
81.80
1.650V
– 1.850V
96
7
14.76
87.16
1.444V
– 1.644V
88
6
13.42
92.51
1.238V
– 1.437V
80
5
12.07
99.39
1.031V
– 1.231V
72
4
10.73
Advance=40deg
above 100Hz
0.825V
– 1.025V
64
3
9.39
Advance=35deg
above 100Hz
0.619V
– 0.819V
56
2
8.05
Advance=30deg
above 100Hz
0.413V
– 0.612V
48
1
6.71
Advance=25deg
above 100Hz
0.206V
– 0.406V
40
Default = 0
5.37
Advance=20deg
above 100Hz
0.000V
– 0.200V
32
Table 2a EFF Parameters Selection
Load curves for 4 poles motor


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz