Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 12Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 13Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 14Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 15Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 16Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 17Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 18Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 19Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
15
Dynamic Electrical Characteristics
VCC= VB = 15 V, VS = VSS = COM, TA = 25°C, and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
ICSC
Short Circuit Drain Current
1)
-
3
-
A
IRDM983-025MB, TJ=25°C,
tSC<20µs
V
+= 320V, V
CC=15V
-
5
-
IRDM983-035MB, TJ=25°C,
tSC<20µs
V
+= 320V, V
CC=15V
SCSOA
Short Circuit duration period
1)
20000
-
-
ns
V
+= 300V(IRDM983-025MB,-
35MB), VCC=+15V to 0V, line
to line short
tRR
Reverse recovery time
1)
-
80
-
ns
ID=1A, di/dt=100A/us
tILIM
ILIM to PWM current limit propagation delay
-
3000
-
ns
CLOAD = 1nF, FCLKIN =32.768kHz
tILIMFIL
ILIM filter time
1)
500
1000
1700
ns
VILIM=2V, Ta=25C
400
800
1400
VILIM=2V, Ta=125C
600
1200
2000
VILIM=2V, Ta=-40C
tHFILA
Hall differential input analog filter
1)
-
1500
-
tHFILD
Hall input digital filter delay
1)
-
2500
-
FCLKIN =32.768kHz
tHALLSAT
HALL input response time from saturation
1)
-
5000
-
tHALLPG
HALL input to PG output propagation delay
-
5000
-
FCLKIN =32.768kHz
tVSPACT
VSP standby to PWM active time
14.0
17.5
22.0
ms
CVDD=2.2uF, VSP=05.4V,
FCLKIN =32.768kHz
TVSPONDELAY
VSP active to PWM duty active
2.0
3.5
5.0
VSP from 1.8V to 2.6V,
FCLKIN =32.768kHz
tVDDHOLD
VDD hold time at standby
1)
4.9
5.0
5.1
S
CVDD=2.2uF, VSP=20V,
FCLKIN =32.768kHz
tRLOCKDETECT
Rotor Lock detect time
1)
4.9
5
5.1
VSP>2.1V, |Elec freq|<3Hz,
FCLKIN =32.768kHz
DT
Deadtime
-
1000
-
FCLKIN =32.768kHz
PWHIN
Internal high side minimum pulse width
-
400
-
ns
Not a final output of a part ,
FCLKIN =32.768kHz
PWLIN
Internal low side minimum pulse width
-
100
-
Not a final output of a part ,
FCLKIN =32.768kHz
SPDOVER
Over speed
1)
-
200
-
Hz
FCLKIN =32.768kHz
SPDPWMCHG
Block commutation to sine PWM change
speed
1)
-
3
-
1 consecutive electrical angle
update period, FCLKIN
=32.768kHz
SPDEFF1
EFF bending point 1 speed
1)
-
33.33
-
FCLKIN =32.768kHz
SPDEFF2
EFF bending point 2 speed
1)
-
83.33
-
FCLKIN =32.768kHz
1) Guaranteed by design, not tested at manufacturing


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz