Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 15 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 11Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 12Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 13Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 14Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 15Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 16Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 17Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 18Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
14
VILIM1
Current Limit Input voltage 1
3)
450
520
590
mV
Tc<92C (+/-12C)
VILIM2
Current Limit Input voltage 2
3)
300
375
450
Tc=92<96C (+/-12C)
VILIM3
Current Limit Input voltage 3
3)
200
250
300
Tc=96<100C(+/-12C)
VROCKILIM
Current Limit input voltage at Rotor Lock
200
250
300
VILIMHYS
Current Limit Input voltage hysteresis
-
60
-
TOT+
Positive going over-temperature limit
88
100
112
°C
TOT-
Negative going over-temperature limit
68
80
92
TAC
Temp sensor absolute accuracy
0
-
12
TES
Temp sensor resolution
1)
0
-
3.25
ICC
Vcc current
-
13
24
mA
ICCSTDBY
Vcc current at standby
-
0.10
0.20
IVDD
3.3V output current
-
-
2
CVDD
External capacitor for VDD
1)
2.2
-
22
uF
PWMRES
PWM pulse width resolution
-
500
-
Counts 100ns resolution
MODRESINT
Internal modulator amplitude resolution
1)
-
1686
-
Fc
PWM carrier frequency
19.6
20
20.4
kHz
CLKIN=32.768kHz
FXTAL
XTAL pin frequency
1)
29.6
30.3
30.9
R=75kohm, C=270pF
32.2
32.8
33.5
R=40.2kohm,
C=470pF
RBS
Ron internal bootstrap diode
-
220
-
PDSTBY
Standby power dissipation
-
1.5
3.0
mW
VSP<1.15V,
DCBUS=0V
IDRV+
Internal driver gate drive sourcing current
1)
6
mA
VDRV =0 V,PW ≤10 µs
IDRV-
Internal driver gate drive sinking current
1)
-
160
-
VDRV =15 V,
PW ≤10 µs
RONSPDFBK
Ron of SPDFBK pin
-
50
100
Rthj-c
Thermal resistance, junction to case
1)
-
3
-
°C /W
IRDM983-025MB
-
2
-
IRDM983-035MB
1)
Guaranteed by design, not tested at manufacturing
2)
Tested at wafer probe
3)
VILIM1,2,3 thresholds are tested at 25 degC. Temperature range is based on characterization only.


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz