Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 14 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 10Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 11Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 12Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 13Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 14Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 15Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 16Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 17Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
13
Static Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25°C unless otherwise specified. The VSP and IIN parameters are referenced to VSS
and are applicable to all six channels. The VO and IO parameters are referenced to respective VS and COM and are
applicable to the respective output leads HO or LO. The VCCUV parameters are referenced to VSS. The VBSUV parameters
are referenced to VS.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
IDSS
DC bus to COM leakage current, IRDM983-035MB
-
70
200
uA
DCBUS=500V,
Tj=25C,per device
DC bus to COM leakage current, IRDM983-025MB
-
50
100
VF
MOSFET body diode voltage, IRDM983-025MB
-
1.0
2)
V
IF=1A
MOSFET body diode voltage, IRDM983-035MB
-
1.0
2)
VDD
VDD voltage
3.0
3.3
3.6
Io=2mA
VIH
Logic “1” input voltage
2.5
-
-
VIL
Logic “0” input voltage
-
-
0.8
VSPstbylow
Active to Standby mode VSP input negative going
thresholds
1.05
1.15
1.25
VSPstbyhigh
Standby to Active mode VSP input positive going
thresholds
1.3
1.4
1.5
VSPstbyhys
Standby mode VSP hysteresis
0.1
0.25
0.4
VSPmin
VSP 0%duty
1.7
1.9
2.1
VSPmax
VSP 100%duty
4.8
5.0
5.2
VSP6step
enter
VSP voltage that ensures enter in 6 step mode
8.0
8.8
9.68
500 ms continuously
above threshold
VSP6step exit
VSP voltage that ensures exit from 6 step mode
8.0
8.8
9.68
200 ms continuously
below threshold
VHCOM
Hall sensor input voltage COMMON MODE
0.6
2
2.9
VHDIF
Hall sensor input voltage DIFFERENTIAL MODE
0.03
0.5
2.5
VNOG
Hall sensor input OP amp open loop gain
1)
60
-
80
dB
Ta=-40
– 125C
VHOO
Hall sensor input OP amp offset
1)
-
1
-
mV
VIHSTH
Hall sensor input Schmitt Trigger input buffer
hysteresis
1)
-
1
-
V
VHST+
Hall sensor input Digital Schmitt Trigger input
buffer positive going voltage
1)
-
2
-
VHST-
Hall sensor input Digital Schmitt Trigger input
buffer negative going voltage
1)
-
1
-
VCLKIN,TH+
CLKIN positive going threshold
2.5
-
-
VCLKIN,TH-
CLKIN negative going threshold
-
-
0.8
VCC,UVTH+
VCC supply undervoltage positive going
Threshold
8
8.9
9.8
VCC,UVTH-
VCC supply undervoltage negative going
Threshold
7.4
8.2
9
VCC,UVHYS
VCC supply undervoltage hysteresis
0.3
0.7
-
VBS,UVTH+
VBS supply undervoltage positive going
Threshold
8
8.9
9.8
VBS, UVTH-
VBS supply undervoltage negative going
Threshold
7.4
8.2
9
V
VBS,UVHYS
VBS supply undervoltage hysteresis
0.3
0.7
-


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz