Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDM983-035MB Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. IRDM983-035MB
Description  iMOTION??Motion Controller Module for PM AC Fan
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRDM983-035MB Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRDM983-035MB Datasheet HTML 6Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 7Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 8Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 9Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 10Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 11Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 12Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 13Page - Infineon Technologies AG IRDM983-035MB Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IRDM983-025MB, IRDM983-035MB
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
9
IRDM983-025MB/-035MB Electrical Characteristics
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS unless otherwise stated in the table. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions.
Ta=25C, unless otherwise stated.
Symbol
Definition
Min.
Max.
Units
Condition
VISO
Isolation voltage
1500
-
Vrms
AC 1 minute
1800
-
AC 1 second
DCBUS
DC bus voltage
-
500
V
IRDM983-025MB
IRDM983-035MB
DCBUSSTAT
DC bus voltage for PWM off
-
600
IRDM983-025MB
IRDM983-035MB
VSP=0V, 1 minute,
CO1=CO2
2)
VBU, VBV,
VBW
High-side floating absolute voltage
-0.3
525
VSU, VSV,
VSW
High-side floating supply offset voltage
VB - 25
VB + 0.3
VCC
Low side power supply absolute voltage
-0.3
24
ID
Drain current, IRDM983-035MB
-
3.9
A
Tc=25°C, Rth=2C/W
Drain current, IRDM983-025MB
-
2.6
Tc=25°C, Rth=3C/W
IVDD
VDD current capability
-
2
mA
TW=1ms
IVSP
VSP input current
-
5
COM
Power Ground
VCC - 24
VCC + 0.3
V
VHCOM
Hall Sensor input common mode voltage
-0.3
VDD
VPG
Open drain output motor evolution pulse
-0.3
VCC+0.3
VVSP
Analog input voltage VSP
-0.3
10.0
VDIR
VEFF
Direction, Efficiency curve pins input voltage
-0.3
VDD+0.3
VDD
3.3V voltage regulator output
-0.3
3.6
No short to ground
PD
Package power dissipation @ Tc
+100 °C1)
-
5
W
TJ
Junction temperature
1)
-
150
°C
TS
Storage temperature
1)
-55
150
TL
Lead temperature (soldering, 10 seconds)
1)
-
260
1) Guarantee by design, not tested at manufacturing
2) Output capacitance between VB-VS and VS-COM are same within +/-1%


Similar Part No. - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRDM982 IRF-IRDM982 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
More results

Similar Description - IRDM983-035MB

ManufacturerPart No.DatasheetDescription
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
Microchip Technology
Microchip Technology
MD200C08D2 MICROCHIP-MD200C08D2 Datasheet
329Kb / 28P
   Motion Module
07/14/15
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
   Motion Module
07/14/15
List of Unclassifed Manufacturers
List of Unclassifed Man...
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
National Semiconductor (TI)
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
Contec Co., Ltd
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz