Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6894MPBF Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IRF6894MPBF
Description  HEXFET짰 Power MOSFET plus Schottky Diode?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF6894MPBF Datasheet(HTML) 5 Page - Infineon Technologies AG

  IRF6894MPBF Datasheet HTML 1Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 2Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 3Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 4Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 5Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 6Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 7Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 8Page - Infineon Technologies AG IRF6894MPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 
IRF6894MTRPbF
5
2016-10-13
Fig 11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 10. Typical Source-Drain Diode Forward Voltage
0.1
0.4
0.7
1.0
VSD, Source-to-Drain Voltage (V)
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
140
160
180
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 10mA
0.0
0.1
1.0
10.0
100.0
VDS , Drain-toSource Voltage (V)
0.01
0.1
1
10
100
1000
10000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
500
1000
1500
2000
2500
ID
TOP
2.0A
3.0A
BOTTOM 30A
Fig 13. Typical Threshold Voltage vs. Junction Temperature
Fig 12. Maximum Drain Current vs. Case Temperature


Similar Part No. - IRF6894MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6894MPBF IRF-IRF6894MPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results

Similar Description - IRF6894MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com