Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25F2048 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25F2048
Description  SPI Serial Memory 2M (262,144 x 8)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F2048 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25F2048 Datasheet HTML 1Page - ATMEL Corporation AT25F2048 Datasheet HTML 2Page - ATMEL Corporation AT25F2048 Datasheet HTML 3Page - ATMEL Corporation AT25F2048 Datasheet HTML 4Page - ATMEL Corporation AT25F2048 Datasheet HTML 5Page - ATMEL Corporation AT25F2048 Datasheet HTML 6Page - ATMEL Corporation AT25F2048 Datasheet HTML 7Page - ATMEL Corporation AT25F2048 Datasheet HTML 8Page - ATMEL Corporation AT25F2048 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT25F2048
2455D–SEEPR–7/04
The AT25F2048 is enabled through the Chip Select pin (CS) and accessed via a 3-wire
interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK). All write cycles are completely self-timed.
BLOCK WRITE protection for top 1/4, top 1/2 or the entire memory array is enabled by
programming the status register. Separate write enable and write disable instructions
are provided for additional data protection. Hardware data protection is provided via the
WP pin to protect against inadvertent write attempts to the status register. The HOLD
pin may be used to suspend any serial communication without resetting the serial
sequence.
Block Diagram
Absolute Maximum Ratings*
Operating Temperature .................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +3.6V
Maximum Operating Voltage ............................................ 3.6V
DC Output Current........................................................ 5.0 mA
262,144 x 8


Similar Part No. - AT25F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F2048-W27-11 ATMEL-AT25F2048-W27-11 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F2048N-10SU-2.7 ATMEL-AT25F2048N-10SU-2.7 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F2048Y7-YH27-T ATMEL-AT25F2048Y7-YH27-T Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F2048 ATMEL-AT25F2048_07 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
More results

Similar Description - AT25F2048

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048_07 Datasheet
489Kb / 19P
   2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
logo
AiT Semiconductor Inc.
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
   MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
logo
List of Unclassifed Man...
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
LAPIS Semiconductor Co....
MR45V200A LAPIS-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
Integrated Silicon Solu...
IS28F020 ISSI-IS28F020 Datasheet
695Kb / 18P
   262,144 x 8 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR4A08B EVERSPIN-MR4A08B Datasheet
839Kb / 15P
   2M x 8 MRAM Memory
Rev. 8.7 3/2018
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512 Datasheet
151Kb / 17P
   SPI Serial Memory
AT25F512 ATMEL-AT25F512_04 Datasheet
262Kb / 18P
   SPI Serial Memory
AT25F1024A ATMEL-AT25F1024A Datasheet
299Kb / 18P
   SPI Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com