Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-12T5R Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1501-12T5R
Description  150 KHZ 3A PWM BUCK DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501-12T5R Datasheet(HTML) 9 Page - Anachip Corp

  AP1501-12T5R Datasheet HTML 1Page - Anachip Corp AP1501-12T5R Datasheet HTML 2Page - Anachip Corp AP1501-12T5R Datasheet HTML 3Page - Anachip Corp AP1501-12T5R Datasheet HTML 4Page - Anachip Corp AP1501-12T5R Datasheet HTML 5Page - Anachip Corp AP1501-12T5R Datasheet HTML 6Page - Anachip Corp AP1501-12T5R Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.A7 Feb. 10, 2004
9/11
Package Information
(1) Package Type: TO220-5L
E
b
e1
A
J1
F
C
ΦP
e
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.45
4.82
0.160
0.175
0.190
b
0.76
0.89
1.02
0.030
0.035
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
D
14.22
14.86
15.50
0.560
0.585
0.610
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.067
0.073
e1
6.68
6.81
6.93
0.263
0.268
0.273
F
1.14
1.27
1.40
0.045
0.050
0.055
H1
5.46
6.16
6.86
0.215
0.243
0.270
J1
2.29
2.74
3.18
0.090
0.108
0.125
L
13.21
13.97
14.73
0.520
0.550
0.580
Øp
3.68
3.81
3.94
0.145
0.150
0.155
Q
2.54
2.73
2.92
0.100
0.107
0.115


Similar Part No. - AP1501-12T5R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-12T5R ANACHIP-AP1501-12T5R Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1501-12T5RA ANACHIP-AP1501-12T5RA Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-12T5RG-13 DIODES-AP1501-12T5RG-13 Datasheet
410Kb / 13P
   150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
AP1501-12T5RG13 DIODES-AP1501-12T5RG13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501-12T5RGU DIODES-AP1501-12T5RGU Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1501-12T5R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com