Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJQ60P05 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ60P05
Description  P-Channel Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ60P05 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ60P05 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ60P05 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ60P05 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ60P05 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ60P05 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250 A
-
60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-
60V,VGS=0V
-1
A
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250 A
-1.5
-3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-5A
80
m
Forward
Transconductance
gFS
VDS=-15V,ID=-5A
5
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
1450
pF
Output Capacitance
Coss
145
pF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
f=1.0MHz
110
pF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
8
ns
Turn-on Rise Time
tr
9
ns
Turn-Off Delay Time
td(off)
65
ns
Turn-Off Fall Time
tf
VDD=-30V, ,RL=30
VGS=-10V,RGEN=6
30
ns
Total Gate Charge
Qg
26
nC
Gate-Source Charge
Qgs
4.5
nC
Gate-Drain Charge
Qgd
VDS=-30V,ID=-5A,
VGS=-10V
7
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-3A
-1.2
V
Diode Forward Current (Note 2)
IS
-5
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
10 sec.
3. Pulse Test: Pulse Width
300 s, Duty Cycle
2%.
4. Guaranteed by design, not subject to production
A-3,Nov,2015
a
T =25
unless otherwise specified


Similar Part No. - CJQ60P05

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJQ6601 JIANGSU-CJQ6601 Datasheet
3Mb / 6P
   N-channel and P-channel Complementary MOSFETS
More results

Similar Description - CJQ60P05

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com