Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJM1216 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJM1216
Description  P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJM1216 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJM1216 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJM1216 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJM1216 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJM1216 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJM1216 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJM1216 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
DFNWB2*2-6L-J Plastic-Encapsulate MOSFETS
CJM1216 P-Channel Power MOSFET
DESCRIPTION
The CJM1216 uses advanced trench technology to provide
excellent RDS(on) , low gate charge and operation with low gate voltage.
This device is suitable for use as a load switching application
and a wide variety of other applications.
FEATURES
Advanced trench MOSFET process technology
Ultra low on-resistance with low gate charge
APPLICATIONS
PWM application
Load switch
Battery charge in cellular handset
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-12
Gate-Source Voltage
VGS
±8
V
Drain Current-Continuous
ID
-16
Drain Current-Pulsed (note 1)
IDM
-65
A
Power Dissipation (note 2 , Ta=25
℃)
2.5
Maximum Power Dissipation (note 3 , Tc=25
℃)
PD
18
W
Thermal Resistance from Junction to Ambient (note 4)
RθJA
50
Thermal Resistance from Junction to Case (note 4)
RθJC
6.9
℃/W
Junction Temperature
Tj
150
Storage Temperature
TSTG
-55 ~+150
1. DRAIN
2. DRAIN
3. GATE
4. SOURCE
5. DRAIN
6. DRAIN
DFNWB2×2-6L-J
V(BR)DSS
RDS(on)MAX
ID
-12V
21mΩ@-4.5V
-16A
27mΩ@-2.5V
Equivalent Circuit
www.cj-elec.com
1
H,Sep,2016


Similar Part No. - CJM1216

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJM1216 ZPSEMI-CJM1216 Datasheet
1Mb / 3P
   P-Channel Power MOSFET
More results

Similar Description - CJM1216

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com