Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8A4 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # 8A4
Description  8.0 AMP. Silicon Rectifiers Plastic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

8A4 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  8A4 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 8A4 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version:01
2of2
8A05 THRU 8A10
2
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
4.0
2.0
0
6.0
8.0
10.0
12.0
25
50
125
100
75
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
FIG. -TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ( V )
PULSE WIDTH 300us
TA = 25°C
4
NUMBER OF CYCLES AT 60Hz
1
300
200
100
0
400
2
5
10
20
50
100
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ( V )
1000
100
0
1
4
10
100
TJ = 25°C
f = 1 MHz
3
FIG. – MAXIMUM NON-REPETITIVE SURGE CURRENT
www.dyelec.com


Similar Part No. - 8A4

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
8A4 MIC-8A4 Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
8A4 CHENDA-8A4 Datasheet
76Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
8A4 CHENDA-8A4 Datasheet
537Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diode Semiconductor Kor...
8A4 DSK-8A4 Datasheet
265Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
8A4 BILIN-8A4 Datasheet
252Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 8A4

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RL801 FCI-RL801 Datasheet
85Kb / 2P
   8.0 Amp Glass Passivated PLASTIC SILICON RECTIFIERS
UF08-00 FCI-UF08-00 Datasheet
112Kb / 2P
   8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
FR80 FCI-FR80 Datasheet
134Kb / 2P
   8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
logo
SeCoS Halbleitertechnol...
QG801C-C SECOS-QG801C-C Datasheet
248Kb / 2P
   8.0 Amp Surface Mount Silicon General Purpose Rectifiers
logo
DIYI Electronic Technol...
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
   6.0 AMP. Silicon Rectifiers Plastic
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
   10.0 AMP. Plastic Silicon Rectifiers
logo
DIYI Electronic Technol...
1N5400 DYELEC-1N5400 Datasheet
596Kb / 2P
   3.0 AMP. Silicon Rectifiers Plastic
1N4001 DYELEC-1N4001 Datasheet
765Kb / 2P
   1.0 AMP. Plastic Silicon Rectifiers
logo
First Components Intern...
FR1601 FCI-FR1601 Datasheet
153Kb / 2P
   16 Amp PLASTIC SILICON RECTIFIERS
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com