Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148W Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # 1N4148W
Description  400mW High Speed SMD Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1N4148W Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  1N4148W Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1N4148W Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- Fast switching device (trr<4.0ns)
- Surface Mount Device Type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
MECHANICAL DATA
- Case: Flat lead SOD-123FL small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
VR
V
VRRM
V
IFRM
mA
IFSM
A
IF
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
IR=100μA
IR=5μA
Forward Voltage
1N4448W, 1N914BW
1N4148W
1N4448W, 1N914BW
nA
μA
VR=0, f=1.0MHz
CJ
pF
Reverse Recovery Time
(Note 2)
trr
ns
Notes 1: Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load
Notes 2: Reverse Recovery Test Conditions : IF=10mA, IR=60mA, RL=100Ω, IRR=1mA
Repetitive Peak Reverse Voltage
PARAMETER
Reverse Voltage
Non-Repetitive Peak Forward Surge Current @ t=1.0μs2
VR=75V
Junction Capacitance
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient) (Note 1)
Forward Current
Repetitive Peak Forward Current
-4.0
-4.0
Reverse Leakage Current
VR=20V
IR
-25
300
-5.0
-1.0
IF=100.0mA
-1.0
VF
MIN
MAX
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25℃ unless otherwise noted)
PARAMETER
VALUE
V
IF=5.0mA
0.62
0.72
IF=10.0mA
1N4148W/1N4448W/1N914BW
400mW High Speed SMD Switching Diode
FEATURES
150
400
100
75
V
Reverse Voltage
Power Dissipation
VR
100
-
75
-
450
-65 to +150
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
1 of 2
version:01
www.dyelec.com


Similar Part No. - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Texas Instruments
1N4148W TI1-1N4148W Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
TAITRON Components Inco...
1N4148W TAITRON-1N4148W Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Similar Description - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
1N914BW TSC-1N914BW Datasheet
101Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_14 Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com