Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MAI Datasheet(PDF) 65 Page - Micrel Semiconductor

Part # KS8995MAI
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MAI Datasheet(HTML) 65 Page - Micrel Semiconductor

Back Button KS8995MAI Datasheet HTML 61Page - Micrel Semiconductor KS8995MAI Datasheet HTML 62Page - Micrel Semiconductor KS8995MAI Datasheet HTML 63Page - Micrel Semiconductor KS8995MAI Datasheet HTML 64Page - Micrel Semiconductor KS8995MAI Datasheet HTML 65Page - Micrel Semiconductor KS8995MAI Datasheet HTML 66Page - Micrel Semiconductor KS8995MAI Datasheet HTML 67Page - Micrel Semiconductor KS8995MAI Datasheet HTML 68Page - Micrel Semiconductor KS8995MAI Datasheet HTML 69Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
December 2012
65
M9999-121212-3.0
Advanced Control Registers (Continued)
Address
Name
Description
Mode
Default
Register 120 (0x78): Indirect Data Register 0
7
− 0
Indirect Data
Bit 7-0 of indirect data.
R/W
00000000
Do not write or read to/from Registers 121 to 127. Doing so may prevent proper operation. Micrel internal testing
only.
Address
Name
Description
Mode
Default
Register 121 (0x79): Digital Testing Status 0
7
− 0
Factory Testing
Reserved.
RO
0x0
Address
Name
Description
Mode
Default
Register 122 (0x7A): Digital Testing Status 1
7
− 0
Factory Testing
Reserved.
RO
0x0
Address
Name
Description
Mode
Default
Register 123 (0x7B): Digital Testing Control 0
7
− 0
Factory Testing
Reserved.
R/W
0x0
Address
Name
Description
Mode
Default
Register 124 (0x7C): Digital Testing Control 1
7
− 0
Factory Testing
Reserved.
R/W
0x0
Address
Name
Description
Mode
Default
Register 125 (0x7D): Analog Testing Control 0
7
− 0
Factory Testing
Reserved.
R/W
0x0
Address
Name
Description
Mode
Default
Register 126 (0x7E): Analog Testing Control 1
7
− 0
Factory Testing
Reserved.
R/W
0x0
Register 127 (0x7F): Analog Testing Status
7
− 0
Factory Testing
Reserved.
RO
0x0


Similar Part No. - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com