Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 42 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 42 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 38Page - Micrel Semiconductor KS8995MA Datasheet HTML 39Page - Micrel Semiconductor KS8995MA Datasheet HTML 40Page - Micrel Semiconductor KS8995MA Datasheet HTML 41Page - Micrel Semiconductor KS8995MA Datasheet HTML 42Page - Micrel Semiconductor KS8995MA Datasheet HTML 43Page - Micrel Semiconductor KS8995MA Datasheet HTML 44Page - Micrel Semiconductor KS8995MA Datasheet HTML 45Page - Micrel Semiconductor KS8995MA Datasheet HTML 46Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
December 2012
42
M9999-121212-3.0
Pin #
Pin Name
PU/PD
(1)
Description
(1)
86
SCONF1
Ipd
Dual MII configuration pin. For the Switch MII, KSZ8995MA supports both MAC
mode and PHY mode, KSZ8995FQ supports PHY mode only.
Pins 91, 86, 87
Switch MII
PHY [5] MII
000
Disable, Otri
Disable, Otri
001
PHY Mode MII
Disable, Otri
010
MAC Mode MII
Disable, Otri
011
PHY Mode SNI
Disable, Otri
100
Disable
Disable
101
PHY Mode MII
PHY Mode MII
110
MAC Mode MII
PHY Mode MII
111
PHY Mode SNI
PHY Mode MII
87
SCONF0
Ipd
Dual MII configuration pin.
90
LED5-2
Ipu/O
LED indicator 2. Strap option: Aging setup. See “Aging” section PU (default) = aging
enable; PD = aging disable.
91
LED5-1
Ipu/O
LED indicator 1. Strap option: PU (default): enable PHY[5] MII I/F. PD: tristate all
PHY[5] MII output. See “Pin 86 SCONF1.”
113
PS1
Ipd
Serial bus configuration pin. For this case, if the EEPROM is not present, the
KS8995MA/FQ will start itself with the PS[1:0] =00 default register values .
Pin Configuration
Serial Bus Configuration
PS[1:0]=00
I2C Master Mode for EEPROM
PS[1:0]=01
Reserved
PS[1:0]=10
SPI Slave Mode for CPU Interface
PS[1:0]=11
Factory Test Mode (BIST)
114
PS0
Ipd
Serial bus configuration pin. See “Pin 113.”
128
TEST2
NC
NC for normal operation. Factory test pin.
Note:
1.
NC = No connect.
Ipd = Input w/internal pull-down.
Ipd/O = Input w/internal pull-down during reset, output pin otherwise.
Otri = Output tristated.


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com