Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 30 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 30 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 26Page - Micrel Semiconductor KS8995MA Datasheet HTML 27Page - Micrel Semiconductor KS8995MA Datasheet HTML 28Page - Micrel Semiconductor KS8995MA Datasheet HTML 29Page - Micrel Semiconductor KS8995MA Datasheet HTML 30Page - Micrel Semiconductor KS8995MA Datasheet HTML 31Page - Micrel Semiconductor KS8995MA Datasheet HTML 32Page - Micrel Semiconductor KS8995MA Datasheet HTML 33Page - Micrel Semiconductor KS8995MA Datasheet HTML 34Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
December 2012
30
M9999-121212-3.0
Media Access Controller (MAC) Operation
The KS8995MA/FQ strictly abides by IEEE 802.3 standards to maximize compatibility.
Inter-Packet Gap (IPG)
If a frame is successfully transmitted, the 96-bit time IPG is measured between the two consecutive MTXEN. If the current
packet is experiencing collision, the 96-bit time IPG is measured from MCRS and the next MTXEN.
Backoff Algorithm
The KS8995MA/FQ implements the IEEE Std. 802.3 binary exponential back-off algorithm, and optional “aggressive
mode” back off. After 16 collisions, the packet will be optionally dropped depending on the chip configuration in Register 3.
See “Register 3.”
Late Collision
If a transmit packet experiences collisions after 512-bit times of the transmission, the packet will be dropped.
Illegal Frames
The KS8995MA/FQ discards frames less than 64 bytes and can be programmed to accept frames up to 1536 bytes in
Register 4. For special applications, the KS8995MA/FQ can also be programmed to accept frames up to 1916 bytes in
Register 4. Since the KS8995MA/FQ supports VLAN tags, the maximum sizing is adjusted when these tags are present.
Flow Control
The KS8995MA/FQ supports standard 802.3x flow control frames on both transmit and receive sides.
On the receive side, if the KS8995MA/FQ receives a pause control frame, the KS8995MA/FQ will not transmit the next
normal frame until the timer, specified in the pause control frame, expires. If another pause frame is received before the
current timer expires, the timer will be updated with the new value in the second pause frame. During this period (being
flow controlled), only flow control packets from the KS8995MA/FQ will be transmitted.
On the transmit side, the KS8995MA/FQ has intelligent and efficient ways to determine when to invoke flow control. The
flow control is based on availability of the system resources, including available buffers, available transmit queues and
available receive queues.
The KS8995MA/FQ flow controls a port that has just received a packet if the destination port resource is busy. The
KS8995MA/FQ issues a flow control frame (XOFF), containing the maximum pause time defined in IEEE standard 802.3x.
Once the resource is freed up, the KS8995MA/FQ sends out the other flow control frame (XON) with zero pause time to
turn off the flow control (turn on transmission to the port). A hysteresis feature is also provided to prevent over-activation
and deactivation of the flow control mechanism.
The KS8995MA/FQ flow controls all ports if the receive queue becomes full.


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com