Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 13Page - Micrel Semiconductor KS8995MA Datasheet HTML 14Page - Micrel Semiconductor KS8995MA Datasheet HTML 15Page - Micrel Semiconductor KS8995MA Datasheet HTML 16Page - Micrel Semiconductor KS8995MA Datasheet HTML 17Page - Micrel Semiconductor KS8995MA Datasheet HTML 18Page - Micrel Semiconductor KS8995MA Datasheet HTML 19Page - Micrel Semiconductor KS8995MA Datasheet HTML 20Page - Micrel Semiconductor KS8995MA Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
December 2012
17
M9999-121212-3.0
Pin Description
− By Numbers (Continued)
Pin Number
Pin Name
Type
(1)
Port
Pin Function
(2)
82
SMRXD1
Ipd/O
Switch MII receive bit 1. Strap option: PD (default) = Switch MII in 100Mbps mode; PU
= Switch MII in 10Mbps mode.
83
SMRXD0
Ipd/O
Switch MII receive bit 0; Strap option: LED mode; PD (default) = mode 0; PU = mode 1.
See “Register 11”. Mode 0, link at:
100/Full LEDx[2,1,0]=0,0,0
100/Half LEDx[2,1,0]=0,1,0
10/Full LEDx[2,1,0]=0,0,1
10/Half LEDx[2,1,0]=0,1,1
Mode 1, link at
100/Full LEDx[2,1,0]=0,1,0
100/Half LEDx[2,1,0]=0,1,1
10/Full LEDx[2,1,0]=1,0,0
10/Half LEDx[2,1,0]=1,0,1
Mode 0
Mode 1
LEDX_2
Lnk/Act
100Lnk/Act
LEDX_1
Fulld/Col
10Lnk/Act
LEDX_0
Speed
Full duplex
84
SCOL
Ipd/O
Switch MII collision detect.
85
SCRS
Ipd/O
Switch mode carrier sense.
86
SCONF1
Ipd
Dual MII configuration pin. For the Switch MII, KSZ8995MA supports both MAC mode
and PHY mode, KSZ8995FQ supports PHY mode only.
Pin# (91, 86, 87):
Switch MII
PHY [5] MII
000
Disable, Otri
Disable, Otri
001
PHY Mode MII
Disable, Otri
010
MAC Mode MII
Disable, Otri
011
PHY Mode SNI
Disable, Otri
100
Disable
Disable
101
PHY Mode MII
PHY Mode MII
110
MAC Mode MII
PHY Mode MII
111
PHY Mode SNI
PHY Mode MII
87
SCONF0
Ipd
Dual MII configuration pin.
88
GNDD
GND
Digital ground.
89
VDDC
P
1.8V digital core VDD.
90
LED5-2
Ipu/O
5
LED indicator 2. Strap option: aging setup. See “Aging” section.
PU (default) = aging enable; PD = aging disable.
91
LED5-1
Ipu/O
5
LED indicator 1. Strap option: PU (default): enable PHY[5] MII I/F. PD: tristate all
PHY[5] MII output. See “Pin 86 SCONF1.”
Notes:
1.
P = Power supply.
I = Input.
O = Output.
I/O = Bidirectional.
GND = Ground.
Ipu = Input w/internal pull-up.
Ipd = Input w/internal pull-down.
Ipd/O = Input w/internal pull-down during reset, output pin otherwise.
Ipu/O = Input w/internal pull-up during reset, output pin otherwise.
NC = No connect.
2.
PU = Strap pin pull-up.
PD = Strap pull-down.
Otri = Output tristated.
Fulld = Full duplex


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com