Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 52 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 52 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 48Page - Micrel Semiconductor KS8995MA Datasheet HTML 49Page - Micrel Semiconductor KS8995MA Datasheet HTML 50Page - Micrel Semiconductor KS8995MA Datasheet HTML 51Page - Micrel Semiconductor KS8995MA Datasheet HTML 52Page - Micrel Semiconductor KS8995MA Datasheet HTML 53Page - Micrel Semiconductor KS8995MA Datasheet HTML 54Page - Micrel Semiconductor KS8995MA Datasheet HTML 55Page - Micrel Semiconductor KS8995MA Datasheet HTML 56Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
December 2012
52
M9999-121212-3.0
Global Registers (Continued)
Address
Name
Description
Mode
Default
Register 10 (0x0A): Global Control 8
7
− 0
Factory Testing
Reserved
R/W
0x24
Address
Name
Description
Mode
Default
Register 11 (0x0B): Global Control 9
7
− 5
Reserved
N/A
RO
0
4
Reserved
N/A
RO
0
3
Reserved
N/A
RO
0
2
Factory Setting
Reserved
R/W
0
1
LED Mode
0 = led mode 0.
1 = led mode 1.
Mode 0, link at:
100/Full LEDx[2,1,0]=0,0,0
100/Half LEDx[2,1,0]=0,1,0
10/Full LEDx[2,1,0]=0,0,1
10/Half LEDx[2,1,0]=0,1,1
Mode 1, link at:
100/Full LEDx[2,1,0]=0,1,0
100/Half LEDx[2,1,0]=0,1,1
10/Full LEDx[2,1,0]=1,0,0
10/Half LEDx[2,1,0]=1,0,1
(0=LED on, 1=LED off)
R/W
Pin SMRXD- strap
option. Pull-
down(0): Enabled
led mode 0. Pull-
up(1): Enabled led
mode 1.
Note: SMPXD0
has internal pull-
down 0.
Mode 0
Mode 1
LEDX_2
Lnk/Act
100Lnk/Act
LEDX_1
Fulld/Col
10Lnk/Act
LEDX_0
Speed
Fulld
0
Special TIPD Mode
1 = enable special tag mode.
0 = disable special tag mode.
R/W
0


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995FQI MICREL-KSZ8995FQI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com