Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4354-1 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM4354-1
Description  Four Channel Combined E1/T1/J1 Transceiver/Framer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-1 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM4354-1 Datasheet HTML 1Page - PMC-Sierra, Inc PM4354-1 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Four Channel Combined E1/T1/J1 Transceiver/Framer
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000091 (r3)
© Copyright PMC-Sierra, Inc. 2001.
All rights reserved. August 2001.
S/UNI is a registered trademark and
AAL1gator-4, Any-PHY, FREEDM-8,
SPECTRA-155, FREEDM-32,
COMET-QUAD, and PMC-Sierra are
trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM4354 COMET-QUAD
• Provides diagnostic, line and per-DS0
payload loopbacks.
• Extracts up to three HDLC links to an
H-MVIP Bus to support the D-channel,
for ISDN Primary Rate Interfaces, and
the C-channels, for V5.1/V5.2
interfaces. Detects the V5.2 link
identification signal.
TRANSMITTER
• Generates DSX-1 shorthaul and DS-1
longhaul pulses with programmable
pulse shape compatible with AT&T,
ANSI and ITU requirements.
• Generates E1 pulses compliant to
G.703 recommendations.
• Provides line outputs that are current
limited and may be tristated for
protection or in redundant applications.
• Provides a digital phase locked loop
for generation of a low jitter transmit
clock complying with all jitter
attenuation, jitter transfer and residual
jitter specifications of AT&T TR 62411
and ETSI CTR 12 and CTR 13.
• Provides a FIFO buffer for jitter
attenuation and rate conversion in the
transmit path.
• Supports unframed mode and framing
bit, CRC, or data link by-pass.
• Allows insertion of framed or unframed
in-band loopback code sequences.
• Allows insertion of a data link in ESF
mode. Optionally inserts a datalink in
the E1 national use bits.
• Inserts, from an H-MVIP bus, up to
three HDLC links to support the D-
channel, for ISDN Primary Rate
Interfaces, and the C-channels, for
V5.1/V5.2 interfaces.
• Transmits TTC JT-G704 multiframe
formatted J1 signals. Supports the
alternate ESF CRC-6 calculation for
Japanese applications.
• Supports transmission of the alarm
indication signal (AIS) and the yellow
alarm signal. Supports Japanese
yellow alarm generation.
• Provides ESF bit-oriented code
generation.
APPLICATIONS
• Wireless Base Transceiver Station and
Digital Loop Carrier (DLCs).
• Enterprise Router.
• DSLAM.
• APON Optical Network Unit (ONU).
• Integrated Access Device (IAD).
• Voice Gateway.
• Channel and Data Service Units
(CSU/DSU).
• Digital Private Branch Exchanges
(PBX).
• Test Equipment.
INTEGRATED ACCESS DEVICE
E1/T1/J1 x8
to ATM WAN
PM4354
COMET-QUAD
x 2
PM7340
S/UNI-IMA-8
PM7329
S/UNI-APEX-
1K800
LAN
MAC
E1/T1/J1 x 4
to PBX, Video,
CODEC
PM7328
S/UNI-ATLAS-
1K800
PM4354
COMET-QUAD
PM7366
FREEDM-8
FR/ATM
& AAL5
SAR
Voice
Processing
with AAL2
PM73124
AAL1gator-4
UTOPIA L2/ Any-PHY
UTOPIA L2
Modem Card
Modem Card
Modem Card
WAN Interface Line Card (Protect)
PM7351
S/UNI-
VORTEX
WAN Interface Line Card (Working)
RF Card
Fabric Backplane
PM7815
PALADIN-15
PM4354
COMET-QUAD
PM4354
COMET-QUAD
PM7341
S/UNI-IMA-8
PM7328
S/UNI-ATLAS-
1K800
PM7329
S/UNI-APEX-
1K800
PM7351
S/UNI-
VORTEX
AAL2 MUX
PM7350
S/UNI-DUPLEX
PM7350
S/UNI-DUPLEX
PM7350
S/UNI-DUPLEX
MODEMS
MODEMS
MODEMS
RF
E1/T1/J1x4
E1/T1/J1x4
TYPICAL APPLICATIONS
3G WIRELESS BASESTATION CONTROLLER


Similar Part No. - PM4354-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4354-PI PMC-PM4354-PI Datasheet
3Mb / 463P
   FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
More results

Similar Description - PM4354-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4354 PMC-PM4354 Datasheet
3Mb / 463P
   FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PM4354 PMC-PM4354 Datasheet
64Kb / 4P
   Four Channel Combined E1/T1/J1 Transceiver/Framer
PM4351 PMC-PM4351 Datasheet
85Kb / 2P
   Combined E1/T1/J1 Transceiver/Framer
PM4351-1 PMC-PM4351-1 Datasheet
2Mb / 485P
   COMBINED E1/T1 TRANSCEIVER/FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
   T1 / E1 / J1 OCTAL FRAMER
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
   T1 / E1 / J1 Octal Framer
November 26, 2012
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
   Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
   Octal T1/E1/J1 Framer
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
   OCTAL T1/E1/J1 FRAMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com