Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM3350-1 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM3350-1
Description  8-Port 10 Mbit/s Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-1 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM3350-1 Datasheet HTML 1Page - PMC-Sierra, Inc PM3350-1 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Preliminary PM3350 ELAN 8x10
8-Port 10 Mbit/s Switch
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-970277 (P4)
© 1998 PMC-Sierra, Inc.
October, 1998
SmartPath is a trademark
of PMC-Sierra, Inc.
TYPICAL APPLICATIONS
LOW-COST 10 Mbit/s SWITCHES
The ELAN 8
×10 chip can act as a stand-alone managed or unmanaged switching device in low-cost, compact switch applications.
Eight to sixty-four ports of 10BaseT switches can be built using the internal PCI expansion port. A typical system would use the
following:
• PM3350 (one for every eight ports),
• two 256k
× 16-bit 60 ns EDO or Fast Page Mode DRAM chips per ELAN 8×10 chip,
• an EPROM or EEPROM (initialization, configuration, SNMP support firmware),
• quad Ethernet interface adapters (LXT944), and
• appropriate passive components.
A block diagram of a typical 8-port 10BaseT stackable switch is shown.
LOW-COST 10/100 Mbit/s SWITCHES
The ELAN 8
×10 chip can be part of a fully managed 10/100 switch using the PM3351 ELAN 1×100 10/100 Mbit/s switch chip.
Together they can form a workgroup or desktop application. A block diagram of a typical 32-port 10BaseT stackable switch with
two 10/100 Mbit/s ports is shown. The PCI expansion bus is used to seamlessly connect the ELAN 8
×10s and ELAN 1×100s.
PM3350
@G6IÃ'‘ 
EDO DRAM
EEPROM
Quad 10BaseT
Interface
10BaseT
Ports 5-8
10BaseT
Ports 1-4
PCI Bus Expansion Bus
Quad 10BaseT
Interface
PCI Backplane
Quad
PHY
Quad
PHY
8
×10BaseT
PM3351
@G6IÃ [ 
10/100 PHY
10/100BaseT
Quad
PHY
Quad
PHY
8
×10BaseT
10/100 PHY
10/100BaseT
PM3350
@G6IÃ'‘ 
Quad
PHY
Quad
PHY
8
×10BaseT
PM3351
@G6IÃ [ 
PM3350
@G6IÃ'‘ 
PM3350
@G6IÃ'‘ 
PM3350
@G6IÃ'‘ 
Quad
PHY
Quad
PHY
8
×10BaseT


Similar Part No. - PM3350-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350-RC PMC-PM3350-RC Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
PM3350-SW PMC-PM3350-SW Datasheet
1,015Kb / 224P
   8 PORT ETHERNET SWITCH
More results

Similar Description - PM3350-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
39Kb / 2P
   8-Port 10 Mbit/s Switch
logo
Texas Instruments
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
[Old version datasheet]   ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
[Old version datasheet]   ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
   Single-Port 10/100 Mbit/s Ethernet Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
   Single-Port 10/100 Mbit/s Ethernet Switch
PM3370 PMC-PM3370 Datasheet
28Kb / 2P
   Octal 10/100 Mbit/s Switch Port-Controller
logo
Texas Instruments
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
[Old version datasheet]   ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
[Old version datasheet]   ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
logo
Level One
FSW-0812 LVL1-FSW-0812 Datasheet
101Kb / 2P
   8-Port 10/100 PD Switch
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com