Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI-2215HTT-A4-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # OMNI-2215HTT-A4-1010
Description  2-point Multi-touch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

OMNI-2215HTT-A4-1010 Datasheet(HTML) 1 Page - AAEON Technology

  OMNI-2215HTT-A4-1010 Datasheet HTML 1Page - AAEON Technology OMNI-2215HTT-A4-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-3
Note: All specifications are subject to change without notice.
03
Features
Specifications
21.5” WXGA (1920 x 1080) Color TFT LCD Display
Intel® N2807/J1900 Processor
P-CAP or Resistive Touch Support
2-point Multi-touch
Aluminum Design
IP65 Compliant Front Bezel
Fanless Operation
Power Input Protection: Over-Voltage Protection, Low-Voltage
Protection, Reverse-Voltage Protection
Easily Expandable I/O by AAEON OMNI I/O Modules
21.5” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
System
Processor
Intel® N2807 processor, 1.58 GHz, Intel® J1900 processor, 2 GHz
System Memory
204-Pin DDR3L SODIMM x 1, default 2 GB, up to 8 GB (J1900)
204-Pin DDR3L SODIMM x 1, default 2 GB, up to 4 GB (N2807)
LCD/CRT controller
Integrated in processor
Ethernet
10/100/1000Base-TX, RJ-45 x 2
I/O Port
DB9 Type RS-232/422/485 x 1
USB 2.0 x 3
USB 3.0 x 1
HDMI x 1
RJ-45 10/100/1000 LAN x 1
Lockable power input connector
Power switch x 1
Storage Disk Drive
CFast™ x 1, 2.5" SATA HDD bay x 1
Expansion Slot
Full size Mini-Card x 2
OS support
Window® 7, Window® 8.1, Window® 10, Linux kernel 2.6.3 or above
Mechanical
Construction
Aluminum design
Mounting
VESA 100/ Panel mount
Dimension
21.7” x 14.7” x 2.1” (550mm x 373mm x 53mm)
Gross Weight
19.6 lb (8.9 Kg)
Environmental
Operating Temperature
-20°C~60°C with industrial grade device (with 0.5 m/s air flow, according to
IEC68-2-14, CPU: N2807)
-20°C~55°C with industrial grade device (with 0.5 m/s air flow, according to
IEC68-2-14, CPU: J1900)
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Storage Humidity
90% @40°C, non-condensing
Vibration
1 Grms / 5~ 500Hz / operation – with HDD
Shock
15G peak acceleration (11 msec. duration) – with HDD
EMC
CE/FCC class A
Power Supply
DC input
DC9~30V, with lockable power adapter
LCD
Display type
21.5" TFT-LCD, LED
Max Resolution
1920 x 1080
Max. Colors
16.7M colors (6/8-bit for R,G,B)
Luminance
400 cd/m2
Viewing Angle
160°(H), 140°(V)
Back Light
LED
Back Light MTBF (hours)
50,000
Touchscreen
Type
5-wire resistive
Projective capacitive multi-touch (2-point)
Light Transmission
90%
OMNI-2215-BT
OMNI Slot
9-30 V Power Connector
RS-232/422/485
Power Button
Remote Power Connector
USB 3.0 x 1
CFast™ Slot x 1
SMA Antenna Hole x 1
HDMI
USB 2.0 x 3
VGA
LAN x 2
2016/09/26


Similar Part No. - OMNI-2215HTT-A4-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-2215HTTSKU-A1-1011 AAEON-OMNI-2215HTTSKU-A1-1011 Datasheet
791Kb / 2P
   21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
OMNI-2215HTTSKU-A2-1011 AAEON-OMNI-2215HTTSKU-A2-1011 Datasheet
791Kb / 2P
   21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
OMNI-2215HTTSKU-A3-1012 AAEON-OMNI-2215HTTSKU-A3-1012 Datasheet
791Kb / 2P
   21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
OMNI-2215HTTSKU-A4-1012 AAEON-OMNI-2215HTTSKU-A4-1012 Datasheet
791Kb / 2P
   21.5” Modular HMI Panel PC with 6th Generation Intel® Core™ i5-6300U/C-3955U Processor
2022/11/04
More results

Similar Description - OMNI-2215HTT-A4-1010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
logo
Vecow Co., Ltd.
MTC-6019-POER VECOW-MTC-6019-POER Datasheet
408Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-4015-POER VECOW-MTC-4015-POER Datasheet
498Kb / 2P
   Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
MTC-6015-POER VECOW-MTC-6015-POER Datasheet
402Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6019-PDR VECOW-MTC-6019-PDR Datasheet
404Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6021-POER VECOW-MTC-6021-POER Datasheet
390Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6021-PDR VECOW-MTC-6021-PDR Datasheet
389Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6021-2R VECOW-MTC-6021-2R Datasheet
386Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6015-2R VECOW-MTC-6015-2R Datasheet
398Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
MTC-6015-PDR VECOW-MTC-6015-PDR Datasheet
400Kb / 2P
   Projected Capacitive Multi-touch Screen with 7H anti-scratch surface, up to 10-point Multi-touch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com