Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP2186 Datasheet(PDF) 30 Page - Analog Devices

Part No. ADSP2186
Description  DSP Microcomputer
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADSP2186 Datasheet(HTML) 30 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADSP-2186
REV. 0
–30–
OUTLINE DIMENSIONS
Dimensions shown in mm and (inches).
100-Lead Metric Thin Plastic Quad Flatpack (TQFP)
(ST-100)
ORDERING GUIDE
Ambient
Instruction
Temperature
Rate
Package
Package
Part Number
Range
(MHz)
Description
Option*
ADSP-2186KST-115
0
°C to +70°C
28.8
100-Lead TQFP
ST-100
ADSP-2186BST-115
–40
°C to +85°C
28.8
100-Lead TQFP
ST-100
ADSP-2186KST-133
0
°C to +70°C
33.3
100-Lead TQFP
ST-100
ADSP-2186BST-133
–40
°C to +85°C
33.3
100-Lead TQFP
ST-100
ADSP-2186KST-160x
0
°C to +70°C
40.0
100-Lead TQFP
ST-100
ADSP-2186BST-160x
–40
°C to +85°C
40.0
100-Lead TQFP
ST-100
*ST = Plastic Thin Quad Flatpack (TQFP).
SEATING
PLANE
0.024 (0.75)
0.022 (0.60) TYP
0.020 (0.50)
0.063 (1.60) MAX
12
°
TYP
0.007 (0.177)
0.005 (0.127) TYP
0.003 (0.077)
6
° ± 4°
0
° – 10°
0.004
(0.102)
MAX LEAD
COPLANARITY
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.010 (0.27)
0.009 (0.22) TYP
0.006 (0.17)
0.640 (16.25)
0.630 (16.00)
0.620 (15.75)
TYP SQ
0.020 (0.50)
BSC
LEAD PITCH
0.555 (14.05)
0.551 (14.00)
0.547 (13.90)
TYP SQ
0.476 (12.10)
0.474 (12.05)
0.472 (12.00)
TYP SQ
LEAD WIDTH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADSP-2184LDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2185DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2185LDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2186DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2186LDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2186L1111DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2187LDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2189MDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-21065LDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
ADSP-2191MDSP Microcomputer 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn