Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241 Datasheet(PDF) 15 Page - Catalyst Semiconductor

Part # CAT5241
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5241 Datasheet(HTML) 15 Page - Catalyst Semiconductor

Back Button CAT5241 Datasheet HTML 8Page - Catalyst Semiconductor CAT5241 Datasheet HTML 9Page - Catalyst Semiconductor CAT5241 Datasheet HTML 10Page - Catalyst Semiconductor CAT5241 Datasheet HTML 11Page - Catalyst Semiconductor CAT5241 Datasheet HTML 12Page - Catalyst Semiconductor CAT5241 Datasheet HTML 13Page - Catalyst Semiconductor CAT5241 Datasheet HTML 14Page - Catalyst Semiconductor CAT5241 Datasheet HTML 15Page - Catalyst Semiconductor CAT5241 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
CAT5241
Document No. 2011, Rev. J
20-LEAD 300 MIL WIDE TSSOP (U, Y)
1.0
D
b
θ2
e
b
0.20
R1
R
θ1
GAUGE PLANE
θ3
L
L1
DETAIL A
b1
SECTION A-A
0.076MM
SEATING PLANE
DETAIL A
AA
SYMBOL
A
A1
A2
L
D
E
E1
R
R1
b
b1
c
c1
L1
e
θ1
θ2
θ3
N
REF
DIMENSION IN MM
DIMENSION IN INCH
MIN
MIN
NOM
NOM
MAX
MAX
1.20
0.15
1.05
0.75
6.60
6.50
4.50
0.30
0.25
0.20
0.16
0.05
0.80
0.50
6.40
6.30
4.30
0.09
0.09
0.19
0.19
0.09
0.09
0.90
0.60
6.50
6.40
4.40
0.22
.002
.031
.020
.252
.248
.169
.004
.004
.007
.007
.004
.004
.035
.024
.256
.252
.173
.009
.043
.006
.041
.030
.260
.256
.177
.012
.010
.008
.006
1.0 REF
0.65 BSC
.039 REF
.026 BSC
08
08
12 REF
12 REF
12 REF
12 REF
20
JEDEC M0-153 VARIATION AC


Similar Part No. - CAT5241

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5241WI-00 CATALYST-CAT5241WI-00 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-00 ONSEMI-CAT5241WI-00 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
More results

Similar Description - CAT5241

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com