Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2302 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ2302
Description  N-Channel 20-V(D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ2302 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ2302 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2302 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2302 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2302 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ2302 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate MOSFETS
CJ2302 N-Channel 20-V(D-S) MOSFET
FEATURE
TrenchFET Power MOSFET
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
2.1
Continuous Source-Drain Current(Diode Conduction)
IS
0.6
A
Power Dissipation
PD
0.
4
W
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
3
12.5
℃/W
Operating Junction
TJ
150
Storage Temperature
TSTG
-55 ~+150
www.cj-elec.com
1
D,Aug,2015
MARKING
Equivalent Circuit
SOT-23
1. GATE
2. SOURCE
3. DRAIN
V(BR)DSS
RDS(on)MAX
ID
20 V
 
60mΩ@4.5V 
2.1A
115mΩ@2.5V 
 


Similar Part No. - CJ2302

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ2302 ZPSEMI-CJ2302 Datasheet
423Kb / 6P
   N-Channel Enhancement Mode MOSFET
CJ2302S ZPSEMI-CJ2302S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJ2302S JIANGSU-CJ2302S Datasheet
1Mb / 5P
   N-Channel 20-V(D-S) MOSFET
More results

Similar Description - CJ2302

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com